Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVQ32 Datasheet (PDF) - STMicroelectronics

74LVQ32 Datasheet PDF - STMicroelectronics
Part # 74LVQ32
Download  74LVQ32 Download
File Size   56.19 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

74LVQ32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ32 Datasheet PDF - STMicroelectronics

Part # 74LVQ32
Download  74LVQ32 Click to download

File Size   56.19 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT OR GATE

74LVQ32 Datasheet (HTML) - STMicroelectronics


74LVQ32 Product details

DESCRIPTION
The 74LVQ32 is a low voltage CMOS QUAD 2-INPUT OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications.
The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 5.2 ns (TYP.) at VCC = 3.3 V
■ COMPATIBLE WITH TTL OUTPUTS
■ LOW POWER DISSIPATION: ICC = 2µA (MAX.) at TA=25°C
■ LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12mA (MIN) at VCC = 3.0V
■ PCI BUS LEVELS GUARANTEED AT 24 mA
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 32
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
51Kb / 5P
Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
29-Jul-2004
74LVQ32MTR STMICROELECTRONICS-74LVQ32MTR Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
29-Jul-2004
logo
Fairchild Semiconductor
74LVQ32SC FAIRCHILD-74LVQ32SC Datasheet
64Kb / 6P
Low Voltage Quad 2-Input OR Gate
More results


Similar Description - 74LVQ32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
Quad 2-Input OR Gate
logo
Fairchild Semiconductor
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com