Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX61135TM Datasheet (PDF) - Axiomtek Co., Ltd.

AX61135TM Datasheet PDF - Axiomtek Co., Ltd.
Part # AX61135TM
Download  AX61135TM Download
File Size   382.23 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 1U Expandability Rackmount Chassis for ATX Motherboard

AX61135TM Datasheet (PDF)

Go To PDF Page Download Datasheet
AX61135TM Datasheet PDF - Axiomtek Co., Ltd.

Part # AX61135TM
Download  AX61135TM Click to download

File Size   382.23 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 1U Expandability Rackmount Chassis for ATX Motherboard

AX61135TM Datasheet (HTML) - Axiomtek Co., Ltd.


AX61135TM Product details

Features
● Supports 12" x 9.6" standard ATX motherboard
● Two 4 cm system fan
● Supports 1U Flex ATX power supply
● Internal 2 x 3.5" HDD or internal 2 x 2.5" HDD




Similar Part No. - AX61135TM

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61131TM AXIOMTEK-AX61131TM Datasheet
347Kb / 2P
1U Cost-effective Rackmount Chassis for ATX Motherboard
AX61131TM/X270 AXIOMTEK-AX61131TM/X270 Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61131TMX270 AXIOMTEK-AX61131TMX270 Datasheet
347Kb / 2P
1U Cost-effective Rackmount Chassis for ATX Motherboard
AX61131TM AXIOMTEK-AX61131TM_16 Datasheet
347Kb / 2P
1U Cost-effective Rackmount Chassis for ATX Motherboard
More results


Similar Description - AX61135TM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
logo
AAEON Technology
ARC-615M AAEON-ARC-615M Datasheet
421Kb / 2P
1U Rackmount Chassis, Industrial ATX/ uATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61131TM AXIOMTEK-AX61131TM_16 Datasheet
347Kb / 2P
1U Cost-effective Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
2U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com