Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX61222TB Datasheet (PDF) - Axiomtek Co., Ltd.

AX61222TB Datasheet PDF - Axiomtek Co., Ltd.
Part # AX61222TB
Download  AX61222TB Download
File Size   540.19 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 2U Compact Rackmount Chassis for Full-size SHB/SBC Series

AX61222TB Datasheet (PDF)

Go To PDF Page Download Datasheet
AX61222TB Datasheet PDF - Axiomtek Co., Ltd.

Part # AX61222TB
Download  AX61222TB Click to download

File Size   540.19 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 2U Compact Rackmount Chassis for Full-size SHB/SBC Series

AX61222TB Datasheet (HTML) - Axiomtek Co., Ltd.


AX61222TB Product details

Features
● 2U rackmount design in depth of 450 mm (AX61222TB)/
475 mm (AX61220TB)
● PICMG SBC structure with 5 free slots for expansion
● Front-accessible one 5.25" HDD drive bay, one slim-line
CD-ROM, one 3.5" HDD drive bay and one internal HDD
drive bay




Similar Part No. - AX61222TB

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61222TP AXIOMTEK-AX61222TP Datasheet
399Kb / 2P
PICMG SBC structure with 5 free slots for expansion
AX61222TP AXIOMTEK-AX61222TP_17 Datasheet
437Kb / 2P
2U Compact Rackmount Chassis
More results


Similar Description - AX61222TB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
IPC-619 ADVANTECH-IPC-619_15 Datasheet
794Kb / 2P
Short-depth 4U rackmount chassis for full-size SBC
IPC-3026BP-15ZE ADVANTECH-IPC-3026BP-15ZE Datasheet
1,020Kb / 2P
Quiet Compact Chassis for Half Size SHB/SBC
logo
Axiomtek Co., Ltd.
AX61120TP AXIOMTEK-AX61120TP_16 Datasheet
431Kb / 2P
1U Rackmount Chassis for full-size SBC
AX61120TP AXIOMTEK-AX61120TP_17 Datasheet
429Kb / 2P
1U Rackmount Chassis for full-size SBC
AX61222TP AXIOMTEK-AX61222TP_17 Datasheet
437Kb / 2P
2U Compact Rackmount Chassis
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-4340 ADVANTECH-ACP-4340 Datasheet
1Mb / 2P
4U Rackmount Chassis for Full-size SHB/SBC
IPC-3026 ADVANTECH-IPC-3026_V01 Datasheet
969Kb / 2P
Quiet Compact Chassis for Half-size SHB/SBC
5-Jul-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com