Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX61221TM Datasheet (PDF) - Axiomtek Co., Ltd.

AX61221TM Datasheet PDF - Axiomtek Co., Ltd.
Part # AX61221TM
Download  AX61221TM Download
File Size   242.02 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 2U Rackmount Chassis for ATX Motherboard

AX61221TM Datasheet (PDF)

Go To PDF Page Download Datasheet
AX61221TM Datasheet PDF - Axiomtek Co., Ltd.

Part # AX61221TM
Download  AX61221TM Click to download

File Size   242.02 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 2U Rackmount Chassis for ATX Motherboard

AX61221TM Datasheet (HTML) - Axiomtek Co., Ltd.


AX61221TM Product details

Features
● Supports 12" x 9.6" standard ATX Motherboard
● Internal one 3.5" HDD drive bays n Front-accessible
one 3.5", one 5.25" and one slim CD-ROM




Similar Part No. - AX61221TM

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61221TM AXIOMTEK-AX61221TM Datasheet
290Kb / 2P
Internal one 3.5 HDD drive baysn Front-accessible
AX61221TM AXIOMTEK-AX61221TM Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61221TM/X300 AXIOMTEK-AX61221TM/X300 Datasheet
290Kb / 2P
Internal one 3.5 HDD drive baysn Front-accessible
AX61221TM/X400 AXIOMTEK-AX61221TM/X400 Datasheet
290Kb / 2P
Internal one 3.5 HDD drive baysn Front-accessible
AX61221TM/X500 AXIOMTEK-AX61221TM/X500 Datasheet
290Kb / 2P
Internal one 3.5 HDD drive baysn Front-accessible
More results


Similar Description - AX61221TM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_16 Datasheet
287Kb / 2P
2U Rackmount Chassis for ATX Motherboard
AX61221TM AXIOMTEK-AX61221TM_17 Datasheet
286Kb / 2P
2U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
ACP-2010MB ADVANTECH-ACP-2010MB_13 Datasheet
541Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
IPC-603 ADVANTECH-IPC-603 Datasheet
1Mb / 2P
2U 3-Slot Rackmount Chassis for ATX
ACP-2020 ADVANTECH-ACP-2020 Datasheet
819Kb / 2P
2U Rackmount Short Depth Chassis for ATX and mATX Motherboard
9-Aug-2017
ACP-2020G ADVANTECH-ACP-2020G Datasheet
1Mb / 2P
2U Rackmount Chassis for ATX and uATX Motherboard
10-Nov-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com