Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX61410TM Datasheet (PDF) - Axiomtek Co., Ltd.

AX61410TM Datasheet PDF - Axiomtek Co., Ltd.
Part # AX61410TM
Download  AX61410TM Download
File Size   484.01 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description Backplane Version: 4U 14-slot Rackmount Chassis for Full-size SHB/SBC Series Motherboard Version: 4U 7-slot Rackmount Chassis for ATX/Micro-ATX Motherboard

AX61410TM Datasheet (PDF)

Go To PDF Page Download Datasheet
AX61410TM Datasheet PDF - Axiomtek Co., Ltd.

Part # AX61410TM
Download  AX61410TM Click to download

File Size   484.01 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description Backplane Version: 4U 14-slot Rackmount Chassis for Full-size SHB/SBC Series Motherboard Version: 4U 7-slot Rackmount Chassis for ATX/Micro-ATX Motherboard

AX61410TM Datasheet (HTML) - Axiomtek Co., Ltd.


AX61410TM Product details

Features
● Three 5.25”HDD and one 3.5” HDD drive bays
● ATX or redundant power supply (optional)
● Lockable front door




Similar Part No. - AX61410TM

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61400 AXIOMTEK-AX61400 Datasheet
298Kb / 2P
One 12cm ball-bearing fan
AX61400 AXIOMTEK-AX61400 Datasheet
539Kb / 2P
4U 14-slot Rackmount Chassis
2018
AX61400TB AXIOMTEK-AX61400TB Datasheet
295Kb / 2P
4U 14-slot Rackmount Chassis
AX61400TB/X300 AXIOMTEK-AX61400TB/X300 Datasheet
539Kb / 2P
4U 14-slot Rackmount Chassis
2018
AX61400TB/X400 AXIOMTEK-AX61400TB/X400 Datasheet
539Kb / 2P
4U 14-slot Rackmount Chassis
2018
More results


Similar Description - AX61410TM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
IPC-610-F ADVANTECH-IPC-610-F Datasheet
863Kb / 2P
4U 15-Slot Rackmount Chassis with ATX Motherboard Option
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
ACP-4020 ADVANTECH-ACP-4020 Datasheet
1Mb / 2P
348mm Depth 4U Rackmount Chassis for Half-size SBC or ATX Motherboard
ACP-4340 ADVANTECH-ACP-4340 Datasheet
1Mb / 2P
4U Rackmount Chassis for Full-size SHB/SBC
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
4U rackmount industrial chassis supporting ATX motherboard
logo
Advantech Co., Ltd.
IPC-941 ADVANTECH-IPC-941 Datasheet
1Mb / 2P
348mm Depth 4U Rackmount Chassis for ATX Motherboard
30-Mar-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com