Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX61492 Datasheet (PDF) - Axiomtek Co., Ltd.

AX61492 Datasheet PDF - Axiomtek Co., Ltd.
Part # AX61492
Download  AX61492 Download
File Size   634.26 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 4U 20-slot Extended Rackmount Chassis

AX61492 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX61492 Datasheet PDF - Axiomtek Co., Ltd.

Part # AX61492
Download  AX61492 Click to download

File Size   634.26 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 4U 20-slot Extended Rackmount Chassis

AX61492 Datasheet (HTML) - Axiomtek Co., Ltd.


AX61492 Product details

Features
● Three 5.25" and two 3.5" HDD drive bays
● Three 12 cm hot-swap ball-bearing fans
● Supports 20-slot backplane
● Hot-swap redundant or PS/2 power supply supported




Similar Part No. - AX61492

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61492 AXIOMTEK-AX61492 Datasheet
367Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX61492TB AXIOMTEK-AX61492TB Datasheet
356Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX61492TBX400R AXIOMTEK-AX61492TBX400R Datasheet
356Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX61492TBX500R AXIOMTEK-AX61492TBX500R Datasheet
356Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX61492 AXIOMTEK-AX61492_16 Datasheet
356Kb / 2P
4U 20-slot Extended Rackmount Chassis
More results


Similar Description - AX61492

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
4U 14-slot Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX61492 AXIOMTEK-AX61492 Datasheet
367Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
4U 14-slot Rackmount Chassis
AX61492 AXIOMTEK-AX61492_16 Datasheet
356Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX61492 AXIOMTEK-AX61492_17 Datasheet
355Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_17 Datasheet
1,005Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_17 Datasheet
294Kb / 2P
4U 14-slot Rackmount Chassis
logo
Advantech Co., Ltd.
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
4U 20-Slot Rackmount Chassis
21-Jun-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com