Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6156LEWB Datasheet (PDF) - Axiomtek Co., Ltd.

AX6156LEWB Datasheet PDF - Axiomtek Co., Ltd.
Part # AX6156LEWB
Download  AX6156LEWB Download
File Size   508.57 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 4U 14-slot Rackmount Chassis

AX6156LEWB Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6156LEWB Datasheet PDF - Axiomtek Co., Ltd.

Part # AX6156LEWB
Download  AX6156LEWB Click to download

File Size   508.57 Kbytes
Page   3 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 4U 14-slot Rackmount Chassis

AX6156LEWB Datasheet (HTML) - Axiomtek Co., Ltd.


AX6156LEWB Product details

Features
● Three 5.25" and one 3.5" HDD drive bays
● One 12 cm ball-bearing fan (two 12 cm fans for optional)
● Supports maximum 14 slot backplane via PICMG SBCs or
ATX motherboards
● Hot-swap redundant power supply supported




Similar Part No. - AX6156LEWB

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE Datasheet
704Kb / 2P
Hot-swap redundant power supply supported
AX6156LET(W)B/X300 AXIOMTEK-AX6156LET(W)B/X300 Datasheet
704Kb / 2P
Hot-swap redundant power supply supported
AX6156LET(W)B/X300R AXIOMTEK-AX6156LET(W)B/X300R Datasheet
704Kb / 2P
Hot-swap redundant power supply supported
AX6156LET(W)B/X400 AXIOMTEK-AX6156LET(W)B/X400 Datasheet
704Kb / 2P
Hot-swap redundant power supply supported
AX6156LET(W)M/X300 AXIOMTEK-AX6156LET(W)M/X300 Datasheet
704Kb / 2P
Hot-swap redundant power supply supported
More results


Similar Description - AX6156LEWB

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R400M PROTECHSYSTEMS-PCH-R400M Datasheet
110Kb / 1P
4U Rackmount Chassis
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
4U 14-slot Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX61492 AXIOMTEK-AX61492 Datasheet
367Kb / 2P
4U 20-slot Extended Rackmount Chassis
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
4U 14-slot Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
4U 14-slot Rackmount Chassis
AX6145 AXIOMTEK-AX6145_17 Datasheet
405Kb / 2P
4U Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_17 Datasheet
1,005Kb / 2P
4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_17 Datasheet
294Kb / 2P
4U 14-slot Rackmount Chassis
logo
Advantech Co., Ltd.
IPC-623 ADVANTECH-IPC-623_V02 Datasheet
991Kb / 2P
4U 20-Slot Rackmount Chassis
21-Jun-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com