Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTF Datasheet (PDF) - Nichicon corporation

UTF Datasheet PDF - Nichicon corporation
Part # UTF
Download  UTF Download
File Size   670.57 Kbytes
Page   2 Pages
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation
Description ALUMINUM ELECTROLYTIC CAPACITORS

UTF Datasheet (PDF)

Go To PDF Page Download Datasheet
UTF Datasheet PDF - Nichicon corporation

Part # UTF
Download  UTF Click to download

File Size   670.57 Kbytes
Page   2 Pages
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation
Description ALUMINUM ELECTROLYTIC CAPACITORS

UTF Datasheet (HTML) - Nichicon corporation


UTF Product details

High ripple current.
Load life of 5000 hours at 105°C.
Ideal for automotive applications (e.g. on board chargers).
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 Qualified. Please contact us for details.




Similar Part No. - UTF

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
Attenuator 5 to 1000 MHz
UTF0025 TELEDYNE-UTF0025 Datasheet
150Kb / 6P
Attenuator 5 to 2500 MHz
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
Attenuator 100 to 2000 MHz
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
UTF0040 TELEDYNE-UTF0040 Datasheet
151Kb / 6P
Attenuator 10 to 1000 MHz
More results


Similar Description - UTF

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com