Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46585 Datasheet (PDF) - Renesas Technology Corp

SLG46585 Datasheet PDF - Renesas Technology Corp
Part # SLG46585_V01
Download  SLG46585 Download
File Size   3311.43 Kbytes
Page   209 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter

SLG46585 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46585 Datasheet PDF - Renesas Technology Corp

Part # SLG46585_V01
Download  SLG46585 Click to download

File Size   3311.43 Kbytes
Page   209 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter

SLG46585 Datasheet (HTML) - Renesas Technology Corp


SLG46585 Product details

 Four Analog Comparators
 Voltage Reference for Analog Comparators
 Analog Temperature Sensor
 Fifteen Combination Function Macrocells
 Three Selectable DFF/LATCH or 2-bit LUTs
 Six Selectable DFF/LATCH or 3-bit LUTs
 One Selectable Pipe Delay or Ripple Counter, or 3-bit
LUT
 Five 8-bit Delays/Counters or 3-bit LUTs
 Combinatorial Logic
 One 4-bit LUT with Two Outputs
 Programmable Asynchronous State Machine
 Eight States
 Flexible Input Logic from State Transitions
 Real Time Clock Binary Counter
 Four Tri-Mode 150 mA LDO Regulators
 High Power Mode (HP Mode): 150 mA Output
 Low Power Mode (LP Mode): 100 µA Output
 Power Switch Mode: Acts like a Load Switch
 1 A Synchronous Constant-on-Time DC/DC Step Down
Converter




Similar Part No. - SLG46585_V01

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46585M DIALOG-SLG46585M Datasheet
4Mb / 210P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
SLG46585MTR DIALOG-SLG46585MTR Datasheet
4Mb / 210P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
More results


Similar Description - SLG46585_V01

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46585 DIALOG-SLG46585 Datasheet
4Mb / 210P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46538 RENESAS-SLG46538 Datasheet
3Mb / 209P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and DualSupply
March 9, 2023
SLG46580 RENESAS-SLG46580 Datasheet
2Mb / 204P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and LDOs
March 3, 2023
SLG46585 RENESAS-SLG46585 Datasheet
4Mb / 211P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine, LDOs, and DC/DC Converter
3-Mar-2023
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com