Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3230 Datasheet (PDF) - Renesas Technology Corp

ZSSC3230 Datasheet PDF - Renesas Technology Corp
Part # ZSSC3230
Download  ZSSC3230 Download
File Size   892.11 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner IC for Capacitive Sensors

ZSSC3230 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3230 Datasheet PDF - Renesas Technology Corp

Part # ZSSC3230
Download  ZSSC3230 Click to download

File Size   892.11 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner IC for Capacitive Sensors

ZSSC3230 Datasheet (HTML) - Renesas Technology Corp


ZSSC3230 Product details

Features
▪ Low current consumption: 1.3µA at 1 sample per
second
▪ Maximum target input capacitance: 30pF
▪ Programmable capacitance span and offset
▪ High sampling rate with 2ms at 14-bit resolution
▪ ADC resolution: Adjustable in speed and resolution,
18-bit maximum
▪ Internal auto-compensated temperature sensor; not
stress sensitive
▪ Programmable measurement sequence, single-shot
and automatic cycling of measurements with end-ofsequence interrupt output
▪ Oversampling modes using internal averaging
▪ Interrupt features
▪ Integrated NVM for configuration and free space for
customer use
▪ Small die size
▪ External reset pin (low active)
▪ No external trimming components required
▪ Highly integrated CMOS design




Similar Part No. - ZSSC3230

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3230BC1B RENESAS-ZSSC3230BC1B Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3230BC2B RENESAS-ZSSC3230BC2B Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3230BC3R RENESAS-ZSSC3230BC3R Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3230BC5B RENESAS-ZSSC3230BC5B Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
More results


Similar Description - ZSSC3230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
Low Voltage Capacitive Sensor Signal Conditioner
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
Capacitive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
ZSSC3122 IDT-ZSSC3122 Datasheet
911Kb / 64P
Low-Voltage Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3123 RENESAS-ZSSC3123 Datasheet
1Mb / 67P
cLite??Capacitive Sensor Signal Conditioner
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
ZSSC3123 RENESAS-ZSSC3123_V01 Datasheet
1Mb / 62P
cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
ZSSC3240 RENESAS-ZSSC3240_V01 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
Apr.28.21
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com