Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T6354ST Datasheet (PDF) - TT Electronics.

T6354ST Datasheet PDF - TT Electronics.
Part # T6354ST
Download  T6354ST Download
File Size   298.99 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 9VDC 6WATT

T6354ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T6354ST Datasheet PDF - TT Electronics.

Part # T6354ST
Download  T6354ST Click to download

File Size   298.99 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 9VDC 6WATT

T6354ST Datasheet (HTML) - TT Electronics.


T6354ST Product details

Features:
• European Fixed AC Head
• 1 Year Warranty
• Level VI Efficiency
• CE Approved
Description:
The Stontronics Range of Class II 6 Watt AC/DC European plug-in power supplies provide 6 Watts of continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.




Similar Part No. - T6354ST

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
T6350ST TTELEC-T6350ST Datasheet
295Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5VDC 5WATT
12/12/2022
T6351ST TTELEC-T6351ST Datasheet
278Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 6VDC 7.8WATT
23/06/2020
T6352ST TTELEC-T6352ST Datasheet
305Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 9VDC 6WATT
04/11/2019
T6353ST TTELEC-T6353ST Datasheet
348Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 9VDC 18WATT
23/06/2020
T6355ST TTELEC-T6355ST Datasheet
319Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 24WATT
23/06/2020
More results


Similar Description - T6354ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2158H10C3 ETC2-2158H10C3 Datasheet
376Kb / 2P
CORDSET - EUROPEAN POWER SUPPLY CORD
2125H10C3 ETC2-2125H10C3 Datasheet
379Kb / 2P
CORDSET - EUROPEAN DETACHABLE POWER SUPPLY CORD
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
2116H10C3 ETC2-2116H10C3 Datasheet
384Kb / 2P
CORDSET - CONTINENTAL EUROPEAN POWER SUPPLY CORD
1780110C3 ETC2-1780110C3 Datasheet
397Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN DETACHABLE POWER SUPPLY CORD
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
VC-1034-21-180 ETC2-VC-1034-21-180 Datasheet
98Kb / 2P
CORDSET - EUROPEAN RUSSIAN DETACHABLE POWER SUPPLY CORD
VL-1024-21-150 ETC2-VL-1024-21-150 Datasheet
71Kb / 2P
CORDSET - EUROPEAN V-LOCK DETACHABLE POWER SUPPLY CORD
VL-1036-24-200 ETC2-VL-1036-24-200 Datasheet
76Kb / 2P
CORDSET - EUROPEAN V-LOCK DETACHABLE POWER SUPPLY CORD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com