Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT18640 Datasheet (PDF) - Texas Instruments

SN54ABT18640 Datasheet PDF - Texas Instruments
Part # SN54ABT18640
Download  SN54ABT18640 Download
File Size   512.64 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS

SN54ABT18640 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ABT18640 Datasheet PDF - Texas Instruments

Part # SN54ABT18640
Download  SN54ABT18640 Click to download

File Size   512.64 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS

SN54ABT18640 Datasheet (HTML) - Texas Instruments


SN54ABT18640 Product details

Members of the Texas Instruments
SCOPE E Family of Testability Products
Members of the Texas Instruments
WidebusE Family
Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
SCOPE E Instruction Set
– IEEE Standard 1149.1-1990 Required
Instructions and Optional CLAMP and
HIGHZ
– Parallel-Signature Analysis at Inputs
– Pseudo-Random Pattern Generation
From Outputs
– Sample Inputs/Toggle Outputs
– Binary Count From Outputs
– Device Identification
– Even-Parity Opcodes
State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
Packaged in Plastic Shrink Small-Outline
(DL) and Thin Shrink Small-Outline (DGG)
Packages and 380-mil Fine-Pitch Ceramic
Flat (WD) Packages

description
The ’ABT18640 scan test devices with 18-bit
inverting bus transceivers are members of the
Texas Instruments SCOPEE testability
integrated-circuit family. This family of devices
supports IEEE Standard 1149.1-1990 boundary
scan to facilitate testing of complex circuit-board
assemblies. Scan access to the test circuitry is
accomplished via the 4-wire test access port
(TAP) interface.
In the normal mode, these devices are 18-bit inverting bus transceivers. They can be used either as two 9-bit
transceivers or one 18-bit transceiver. The test circuitry can be activated by the TAP to take snapshot samples
of the data appearing at the device pins or to perform a self test on the boundary-test cells. Activating the TAP
in the normal mode does not affect the functional operation of the SCOPEE bus transceivers.
Data flow is controlled by the direction-control (DIR) and output-enable (OE) inputs. Data transmission is
allowed from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at DIR. OE can
be used to disable the device so that the buses are effectively isolated.
In the test mode, the normal operation of the SCOPEE bus transceivers is inhibited and the test circuitry is
enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry can perform
boundary-scan test operations according to the protocol described in IEEE Standard 1149.1-1990.




Similar Part No. - SN54ABT18640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABT18640WD TI-SN54ABT18640WD Datasheet
400Kb / 30P
SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
More results


Similar Description - SN54ABT18640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com