Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT2827 Datasheet (PDF) - Texas Instruments

SN54ABT2827 Datasheet PDF - Texas Instruments
Part # SN54ABT2827
Download  SN54ABT2827 Download
File Size   301.69 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

SN54ABT2827 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ABT2827 Datasheet PDF - Texas Instruments

Part # SN54ABT2827
Download  SN54ABT2827 Click to download

File Size   301.69 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS

SN54ABT2827 Datasheet (HTML) - Texas Instruments


SN54ABT2827 Product details

Output Ports Have Equivalent 25-W Series
Resistors, So No External Resistors Are
Required
State-of-the-Art EPIC-IIBE BiCMOS Design
Significantly Reduces Power Dissipation
Flow-Through Architecture Optimizes
PCB Layout
Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
Package Options Include Plastic
Small-Outline (DW) Package, Ceramic
Chip Carriers (FK), and Plastic (NT) and
Ceramic (JT) DIPs

description
These 10-bit buffers or bus drivers provide a
high-performance bus interface for wide data
paths or buses carrying parity.
The 3-state control gate is a 2-input AND gate with
active-low inputs so that if either output-enable
(OE1 or OE2) input is high, all ten outputs are in
the high-impedance state. The ’ABT2827 provide
true data at their outputs.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
The outputs, which are designed to source or sink
up to 12 mA, include equivalent 25-W series
resistors to reduce overshoot and undershoot.
The SN54ABT2827 is characterized for operation over the full military temperature range of –55°C to 125°C.
The SN74ABT2827 is characterized for operation from –40°C to 85°C.




Similar Part No. - SN54ABT2827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827FK TI-SN54ABT2827FK Datasheet
104Kb / 6P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827JT TI-SN54ABT2827JT Datasheet
104Kb / 6P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI1-SN54ABT2827_15 Datasheet
526Kb / 12P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54ABT2827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI-SN54ABT827 Datasheet
399Kb / 16P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI1-SN54ABT2827_15 Datasheet
526Kb / 12P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com