Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT1073 Datasheet (PDF) - Texas Instruments

SN74ACT1073 Datasheet PDF - Texas Instruments
Part # SN74ACT1073
Download  SN74ACT1073 Download
File Size   576.0 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION

SN74ACT1073 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT1073 Datasheet PDF - Texas Instruments

Part # SN74ACT1073
Download  SN74ACT1073 Click to download

File Size   576.0 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION

SN74ACT1073 Datasheet (HTML) - Texas Instruments


SN74ACT1073 Product details

Designed to Ensure Defined Voltage Levels
on Floating Bus Lines in CMOS Systems
4.5-V to 5.5-V VCC Operation
Inputs Accept Voltages to 5.5 V
Reduces Undershoot and Overshoot
Caused By Line Reflections
Repetitive Peak Forward
Current . . . IFRM = 100 mA
Inputs Are TTL-Voltage Compatible
Low Power Consumption (Like CMOS)
Center-Pin VCC and GND Configuration
Minimizes High-Speed Switching Noise
ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)

description/ordering information
This device is designed to terminate bus lines in CMOS systems. The integrated low-impedance diodes clamp
the voltage of undershoots and overshoots caused by line reflections and ensure signal integrity. The device
also contains a bus-hold function that consists of a CMOS-buffer stage with a high-resistance feedback path
between its output and its input. The SN74ACT1073 prevents bus lines from floating without using pullup or
pulldown resistors.
The high-impedance inputs of these internal buffers are connected to the input terminals of the device. The
feedback path on each internal buffer stage keeps a bus line tied to the bus holder at the last valid logic state
generated by an active driver before the bus switches to the high-impedance state.




Similar Part No. - SN74ACT1073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1073 TI-SN74ACT1073 Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI1-SN74ACT1073 Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DW TI-SN74ACT1073DW Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DW TI1-SN74ACT1073DW Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DWE4 TI-SN74ACT1073DWE4 Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
More results


Similar Description - SN74ACT1073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT1071 TI-SN74ACT1071 Datasheet
58Kb / 5P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI-SN74ACT1073 Datasheet
228Kb / 9P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
24-BIT FET BUS SWITCH WITH BUS HOLD
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74ACT1071 TI1-SN74ACT1071_14 Datasheet
488Kb / 11P
10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073 TI1-SN74ACT1073_16 Datasheet
1Mb / 14P
16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com