Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9S08QD2MPC Datasheet (PDF) - NXP Semiconductors

S9S08QD2MPC Datasheet PDF - NXP Semiconductors
Part # S9S08QD2MPC
Download  S9S08QD2MPC Download
File Size   3237.25 Kbytes
Page   198 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCS08 Microcontrollers

S9S08QD2MPC Datasheet (PDF)

Go To PDF Page Download Datasheet
S9S08QD2MPC Datasheet PDF - NXP Semiconductors

Part # S9S08QD2MPC
Download  S9S08QD2MPC Click to download

File Size   3237.25 Kbytes
Page   198 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCS08 Microcontrollers

S9S08QD2MPC Datasheet (HTML) - NXP Semiconductors


S9S08QD2MPC Product details

MC9S08QD4 Series Features
8-Bit HCS08 Central Processor Unit (CPU)
• 16 MHz HCS08 CPU (central processor unit)
• HC08 instruction set with added BGND instruction
• Background debugging system
• Breakpoint capability to allow single breakpoint setting during in-circuit debugging (plus two more breakpoints in on-chip debug module)
• Support for up to 32 interrupt/reset sources

Memory
• Flash read/program/erase over full operating voltage and temperature
• Flash size:
— MC9S08QD4/S9S08QD4: 4096 bytes
— MC9S08QD2/S9S08QD2: 2048 bytes
• RAM size
— MC9S08QD4/S9S08QD4: 256 bytes
— MC9S08QD2/S9S08QD2: 128 bytes

Power-Saving Modes
• Wait plus three stops

Clock Source Options
• ICS — Internal clock source module (ICS) containing a frequency-locked-loop (FLL) controlled by internal. Precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage.

System Protection
• Watchdog computer operating properly (COP) reset with option to run from dedicated 32 kHz internal clock source or bus clock
• Low-voltage detection with reset or interrupt
• Illegal opcode detection with reset
• Illegal address detection with reset
• Flash block protect

Peripherals
• ADC — 4-channel, 10-bit analog-to-digital converter with automatic compare function, asynchronous clock source, temperature sensor and internal bandgap reference channel. ADC is hardware triggerable using the RTI counter.
• TIM1 — 2-channel timer/pulse-width modulator; each channel can be used for input capture, output compare, buffered edge-aligned PWM, or buffered center-aligned PWM
• TIM2 — 1-channel timer/pulse-width modulator; each channel can be used for input capture, output compare, buffered edge-aligned PWM, or buffered center-aligned PWM
• KBI — 4-pin keyboard interrupt module with software selectable polarity on edge or edge/level modes

Input/Output
• Four General-purpose input/output (I/O) pins, one input-only pin and one
output-only pin. Outputs 10 mA each, 60 mA maximum for package.
• Software selectable pullups on ports when used as input
• Software selectable slew rate control and drive strength on ports when used as output
• Internal pullup on RESET and IRQ pin to reduce customer system cost Development Support
• Single-wire background debug interface Package Options
• 8-pin SOIC package
• 8-pin PDIP (Only for MC9S08QD4 and MC9S08QD2)
• All package options are RoHS compliant




Similar Part No. - S9S08QD2MPC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08QD2MPC FREESCALE-S9S08QD2MPC Datasheet
2Mb / 202P
8-Bit HCS08 Central Processor Unit (CPU)
S9S08QD2MPC FREESCALE-S9S08QD2MPC Datasheet
2Mb / 198P
HCS08 Microcontrollers
More results


Similar Description - S9S08QD2MPC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
HCS08 Microcontrollers
MC9S08SG32 FREESCALE-MC9S08SG32 Datasheet
3Mb / 328P
HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
HCS08 Microcontrollers
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
HCS08 Microcontrollers
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
HCS08 Microcontrollers
Revision 5, 10/2014
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
HCS08 Microcontrollers
Rev. 1, 9/2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com