Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT2226 Datasheet (PDF) - Texas Instruments

SN74ACT2226 Datasheet PDF - Texas Instruments
Part # SN74ACT2226
Download  SN74ACT2226 Download
File Size   593.52 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 64 × 1, DUAL 256 × 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES

SN74ACT2226 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT2226 Datasheet PDF - Texas Instruments

Part # SN74ACT2226
Download  SN74ACT2226 Click to download

File Size   593.52 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 64 × 1, DUAL 256 × 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES

SN74ACT2226 Datasheet (HTML) - Texas Instruments


SN74ACT2226 Product details

Dual Independent FIFOs Organized as:
64 Words by 1 Bit Each – SN74ACT2226
256 Words by 1 Bit Each – SN74ACT2228
Free-Running Read and Write Clocks Can
Be Asynchronous or Coincident on Each
FIFO
Input-Ready Flags Synchronized to Write
Clocks
Output-Ready Flags Synchronized to Read
Clocks
Half-Full and Almost-Full/Almost-Empty
Flags
Support Clock Frequencies up to 22 MHz
Access Times of 20 ns
Low-Power Advanced CMOS Technology
Packaged in 24-Pin Small-Outline
Integrated-Circuit Package

description
The SN74ACT2226 and SN74ACT2228 are dual FIFOs suited for a wide range of serial-data buffering
applications, including elastic stores for frequencies up to T2 telecommunication rates. Each FIFO on the chip
is arranged as 64 × 1 (SN74ACT2226) or 256 × 1 (SN74ACT2228) and has control signals and status flags for
independent operation. Output flags for each FIFO include input ready (1IR or 2IR), output ready (1OR or 2OR),
half full (1HF or 2HF), and almost full/almost empty (1AF/AE or 2AF/AE).
Serial data is written into a FIFO on the low-to-high transition of the write-clock (1WRTCLK or 2WRTCLK) input
when the write-enable (1WRTEN or 2WRTEN) input and input-ready flag (1IR or 2IR) output are both high.
Serial data is read from a FIFO on the low-to-high transition of the read-clock (1RDCLK or 2RDCLK) input when
the read-enable (1RDEN or 2RDEN) input and output-ready flag (1OR or 2OR) output are both high. The read
and write clocks of a FIFO can be asynchronous to one another.
Each input-ready flag (1IR or 2IR) is synchronized by two flip-flop stages to its write clock (1WRTCLK or
2WRTCLK), and each output-ready flag (1OR or 2OR) is synchronized by three flip-flop stages to its read clock
(1RDCLK or 2RDCLK). This multistage synchronization ensures reliable flag-output states when data is written
and read asynchronously.
A half-full flag (1HF or 2HF) is high when the number of bits stored in its FIFO is greater than or equal to half
the depth of the FIFO. An almost-full/almost-empty flag (1AF/AE or 2AF/AE) is high when eight or fewer bits
are stored in its FIFO and when eight or fewer empty locations are left in the FIFO. A bit present on the data
output is not stored in the FIFO.
The SN74ACT2226 and SN74ACT2228 are characterized for operation from –40°C to 85°C.
For more information on this device family, see the application report FIFOs With a Word Width of One Bit
(literature number SCAA006).




Similar Part No. - SN74ACT2226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226 TI-SN74ACT2226 Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226DW TI-SN74ACT2226DW Datasheet
173Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226DW TI-SN74ACT2226DW Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226DWR TI-SN74ACT2226DWR Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
More results


Similar Description - SN74ACT2226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2226 TI-SN74ACT2226_06 Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com