Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G05 Datasheet (PDF) - STMicroelectronics

74V1G05 Datasheet PDF - STMicroelectronics
Part # 74V1G05
Download  74V1G05 Download
File Size   49.22 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE INVERTER OPEN DRAIN

74V1G05 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G05 Datasheet PDF - STMicroelectronics

Part # 74V1G05
Download  74V1G05 Click to download

File Size   49.22 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE INVERTER OPEN DRAIN

74V1G05 Datasheet (HTML) - STMicroelectronics


74V1G05 Product details

DESCRIPTION
The 74V1G05 is an advanced high-speed CMOS SINGLE INVERTER (OPEN DRAIN) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD =5.4ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS:
    VIH = 2V (MIN), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUT
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 4.5V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY
   
   




Similar Part No. - 74V1G05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05 Datasheet
111Kb / 9P
SINGLE INVERTER (OPEN DRAIN)
Apr-2004
74V1G05CTR STMICROELECTRONICS-74V1G05CTR Datasheet
111Kb / 9P
SINGLE INVERTER (OPEN DRAIN)
Apr-2004
74V1G05STR STMICROELECTRONICS-74V1G05STR Datasheet
111Kb / 9P
SINGLE INVERTER (OPEN DRAIN)
Apr-2004
74V1G05 STMICROELECTRONICS-74V1G05_04 Datasheet
111Kb / 9P
SINGLE INVERTER (OPEN DRAIN)
Apr-2004
More results


Similar Description - 74V1G05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T05 STMICROELECTRONICS-74V1T05 Datasheet
47Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
logo
STMicroelectronics
74LX1G05 STMICROELECTRONICS-74LX1G05 Datasheet
127Kb / 10P
SINGLE INVERTER OPEN DRAIN
Mar-2002
logo
Toshiba Semiconductor
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
Inverter (Open Drain)
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05_04 Datasheet
111Kb / 9P
SINGLE INVERTER (OPEN DRAIN)
Apr-2004
logo
Toshiba Semiconductor
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
INVERTER (Open Drain)
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
INVERTER (Open Drain)
2014-03-01
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
Inverter (Open Drain)
2013-03-01
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com