Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7814 Datasheet (PDF) - Texas Instruments

SN74ACT7814 Datasheet PDF - Texas Instruments
Part # SN74ACT7814
Download  SN74ACT7814 Download
File Size   278.1 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 64 × 18 STROBED FIRST-IN, FIRST-OUT MEMORY

SN74ACT7814 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT7814 Datasheet PDF - Texas Instruments

Part # SN74ACT7814
Download  SN74ACT7814 Click to download

File Size   278.1 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 64 × 18 STROBED FIRST-IN, FIRST-OUT MEMORY

SN74ACT7814 Datasheet (HTML) - Texas Instruments


SN74ACT7814 Product details

Member of the Texas Instruments
WidebusE Family
Load Clock and Unload Clock Can Be
Asynchronous or Coincident
64 Words by 18 Bits
Low-Power Advanced CMOS Technology
Full, Empty, and Half-Full Flags
Programmable Almost-Full/Almost-Empty
Flag
Fast Access Times of 15 ns With a 50-pF
Load and All Data Outputs Switching
Simultaneously
Data Rates up to 50 MHz
3-State Outputs
Pin-to-Pin Compatible With SN74ACT7804
and SN74ACT7806
Packaged in Shrink Small-Outline 300-mil
Package Using 25-mil Center-to-Center
Spacing

description
A FIFO memory is a storage device that allows
data to be written into and read from its array at
independent data rates. The SN74ACT7814 is a
64-word by 18-bit FIFO for high speed and fast
access times. It processes data at rates up to
50 MHz and access times of 15 ns in a bit-parallel
format.
Data is written into memory on a low-to-high
transition at the load clock (LDCK) input and is
read out on a low-to-high transition at the unload
clock (UNCK) input. The memory is full when the
number of words clocked in exceeds the number
of words clocked out by 64. When the memory is
full, LDCK signals have no effect on the data
residing in memory. When the memory is empty,
UNCK signals have no effect.
Status of the FIFO memory is monitored by the full (FULL), empty (EMPTY), half-full (HF), and
almost-full/almost-empty (AF/AE) flags. The FULL output is low when the memory is full and high when the
memory is not full. The EMPTY output is low when the memory is empty and high when it is not empty. The HF
output is high when the FIFO contains 32 or more words and is low when it contains 31 or fewer words. The
AF/AE status flag is a programmable flag. The first one or two low-to-high transitions of LDCK after reset are
used to program the almost-empty offset value (X) and the almost-full offset value (Y) if program enable (PEN)
is low. The AF/AE flag is high when the FIFO contains X or fewer words or (64 – Y) or more words. The AF/AE
flag is low when the FIFO contains between (X + 1) and (63 – Y) words.




Similar Part No. - SN74ACT7814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-20DL TI1-SN74ACT7814-20DL Datasheet
525Kb / 16P
64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-20DLR TI1-SN74ACT7814-20DLR Datasheet
525Kb / 16P
64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-25DL TI1-SN74ACT7814-25DL Datasheet
525Kb / 16P
64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results


Similar Description - SN74ACT7814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802_06 Datasheet
224Kb / 15P
1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820-20PN TI-SN74ABT7820-20PN Datasheet
253Kb / 18P
STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com