Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8997 Datasheet (PDF) - Texas Instruments

SN74ACT8997 Datasheet PDF - Texas Instruments
Part # SN74ACT8997
Download  SN74ACT8997 Download
File Size   538.37 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS

SN74ACT8997 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT8997 Datasheet PDF - Texas Instruments

Part # SN74ACT8997
Download  SN74ACT8997 Click to download

File Size   538.37 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS

SN74ACT8997 Datasheet (HTML) - Texas Instruments


SN74ACT8997 Product details

Members of the Texas Instruments
SCOPE E Family of Testability Products
Compatible With the IEEE Standard
1149.1-1990 (JTAG) Serial Test Bus
Allow Partitioning of System Scan Paths
Can Be Cascaded Horizontally or Vertically
Select Up to Four Secondary Scan Paths to
Be Included in a Primary Scan Path
Include 8-Bit Programmable Binary Counter
to Count or Initiate Interrupt Signals
Include 4-Bit Identification Bus for
Scan-Path Identification
Inputs Are TTL Compatible
EPIC E (Enhanced-Performance Implanted
CMOS) 1-mm Process
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs

description
The ’ACT8997 are members of the Texas
Instruments SCOPEE testability integratedcircuit
family. This family of components facilitates
testing of complex circuit-board assemblies.
The ’ACT8997 enhance the scan capability of TI’s
SCOPEE family by allowing augmentation of a
system’s primary scan path with secondary scan
paths (SSPs), which can be individually selected
by the ’ACT8997 for inclusion in the primary scan
path. These devices also provide buffering of test
signals to reduce the need for external logic.
By loading the proper values into the instruction
register and data registers, the user can select up
to four SSPs to be included in a primary scan path. Any combination of the SSPs can be selected at a time. Any
of the device’s six data registers or the instruction register can be placed in the device’s scan path, i.e., placed
between test data input (TDI) and test data output (TDO) for subsequent shift and scan operations.
All operations of the device except counting are synchronous to the test clock pin (TCK). The 8-bit
programmable up/down counter can be used to count transitions on the device condition input (DCI) pin and
output interrupt signals via the device condition output (DCO) pin. The device can be configured to count on
either the rising or falling edge of DCI.
The test access port (TAP) controller is a finite-state machine compatible with IEEE Standard 1149.1.
The SN54ACT8997 is characterized for operation over the full military temperature range of –55°C to 125°C.
The SN74ACT8997 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ACT8997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT8997 TI-SN74ACT8997 Datasheet
335Kb / 28P
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
SN74ACT8997DW TI-SN74ACT8997DW Datasheet
335Kb / 28P
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
SN74ACT8997DWR TI-SN74ACT8997DWR Datasheet
335Kb / 28P
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
SN74ACT8997NT TI-SN74ACT8997NT Datasheet
335Kb / 28P
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
More results


Similar Description - SN74ACT8997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ACT8997 TI-SN54ACT8997 Datasheet
335Kb / 28P
SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74ACT8994 TI-SN74ACT8994 Datasheet
157Kb / 11P
DIGITAL BUS MONITOR IEEE STD 1149.1 JTAG SCAN-CONTROLLED LOGIC/SIGNATURE ANALYZER
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
IEEE Std 1149.1 boundary-scan (JTAG) support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com