Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4802 Datasheet (PDF) - Sealevel Systems, Inc.

4802 Datasheet PDF - Sealevel Systems, Inc.
Part # 4802
Download  4802 Download
File Size   266.44 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 8-Port RS-422, RS-485 Serial Server

4802 Datasheet (PDF)

Go To PDF Page Download Datasheet
4802 Datasheet PDF - Sealevel Systems, Inc.

Part # 4802
Download  4802 Click to download

File Size   266.44 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 8-Port RS-422, RS-485 Serial Server

4802 Datasheet (HTML) - Sealevel Systems, Inc.


4802 Product details

Features
• Ethernet 10/100BaseT (autosense)
• Each port individually configurable for RS-422 or RS-485
• Automatic RS-485 enable/disable
• Appears as a virtual COM port to host machine
• Data rates to 230.4K bps
• Supports custom baud rates and 9-bit protocol
• Hot-swappable
• Built-in watchdog/reset circuit automatically recovers the converter
from unexpected error-states
• Eight DB9M connectors
• DIN rail mounting option (Item # DR103)
• Includes 120V AC adapter that outputs 5VDC @ 2.4A (Item# TR101)
• Includes 7′ Ethernet patch cable (Item# CA246) and 7′ Ethernet
crossover cable (Item# CA251)
• Sealevel SeaLINK software supports Microsoft Windows and Linux
operating systems




Similar Part No. - 4802

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4802 WELWYN-4802 Datasheet
132Kb / 2P
Ultra Precision Bulk Metal Film Resistors
logo
TT Electronics.
4802 TTELEC-4802 Datasheet
410Kb / 3P
Ideal resistor for precision instrumentation
4802 TTELEC-4802 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
ASSUN MOTOR Pte Ltd.
4802 ASSUN-4802 Datasheet
462Kb / 1P
GRAPHITE BRUSH
2023-A
4802 ASSUN-4802 Datasheet
446Kb / 1P
GRAPHITE BRUSH
2023-A
More results


Similar Description - 4802

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
104-COM-8S ADL-104-COM-8S Datasheet
290Kb / 2P
8-port RS-422/485
logo
Advantech Co., Ltd.
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
1-port RS-232/422/485 Serial Device Server
ADAM-4571W ADVANTECH-ADAM-4571W Datasheet
102Kb / 1P
1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
4-port RS-232/422/485 Serial Device Server
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524_15 Datasheet
621Kb / 2P
4-port RS-232/422/485 Serial Device Server
logo
Coolgear Inc.
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
MSD-SRP2XM-PRO COOLGEAR-MSD-SRP2XM-PRO Datasheet
278Kb / 2P
2-Port RS-232/422/485 Serial to Ethernet Device Server, PoE Power
7/9/2021
MSD-SRP4XM-PRO COOLGEAR-MSD-SRP4XM-PRO Datasheet
306Kb / 2P
4-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/9/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com