Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0800420 Datasheet (PDF) - PHOENIX CONTACT

0800420 Datasheet PDF - PHOENIX CONTACT
Part # 0800420
Download  0800420 Download
File Size   184.34 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PMH 0:ZAHLEN - Wire marking tag

0800420 Datasheet (PDF)

Go To PDF Page Download Datasheet
0800420 Datasheet PDF - PHOENIX CONTACT

Part # 0800420
Download  0800420 Click to download

File Size   184.34 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PMH 0:ZAHLEN - Wire marking tag

0800420 Datasheet (HTML) - PHOENIX CONTACT


0800420 Product details

Wire marking tag, yellow, cable diameter range: 1.4 ... 2.5 mm, horizontal: Numbers, mounting
type: slide-on, text field height: 2.6 mm, text field width: 3.2 mm




Similar Part No. - 0800420

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800421 PHOENIX-0800421 Datasheet
6Mb / 76P
THERMOMARK LINE
0800421 PHOENIX-0800421 Datasheet
197Kb / 7P
WMS 9,5 (EX16)R BK - Shrink sleeve
0800422 PHOENIX-0800422 Datasheet
6Mb / 76P
THERMOMARK LINE
0800422 PHOENIX-0800422 Datasheet
198Kb / 7P
WMS 12,7 (EX20)R BK - Shrink sleeve
0800423 PHOENIX-0800423 Datasheet
6Mb / 76P
THERMOMARK LINE
More results


Similar Description - 0800420

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
Electronic Tag
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
TAJD476M010RNJ AVX-TAJD476M010RNJ Datasheet
63Kb / 1P
Marking
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
SDR-RD 3M-SDR-RD Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com