Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0800427 Datasheet (PDF) - PHOENIX CONTACT

0800427 Datasheet PDF - PHOENIX CONTACT
Part # 0800427
Download  0800427 Download
File Size   187.91 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 2,4 (EX4)RL BK - Shrink sleeve

0800427 Datasheet (PDF)

Go To PDF Page Download Datasheet
0800427 Datasheet PDF - PHOENIX CONTACT

Part # 0800427
Download  0800427 Click to download

File Size   187.91 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 2,4 (EX4)RL BK - Shrink sleeve

0800427 Datasheet (HTML) - PHOENIX CONTACT


0800427 Product details

Shrink sleeve, Roll, black, unlabeled, can be labeled with: THERMOMARK E.SLEEVE,
THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLLMASTER 300/600, THERMOMARK
ROLL X1, THERMOMARK ROLL, THERMOMARK ROLL 2.0, THERMOMARK W,
THERMOMARK X1.2, cable diameter range: 0.8 ... 2.4 mm, unperforated, mounting type: slideon,
cable diameter range (automated processing): 0.8 ... 1.5 mm, Number of individual labels: 1,
roll length: 120 m, text field height: 4 mm, text field width: 120000 mm




Similar Part No. - 0800427

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800427 PHOENIX-0800427 Datasheet
6Mb / 76P
THERMOMARK LINE
More results


Similar Description - 0800427

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0801630 PHOENIX-0801630 Datasheet
66Kb / 3P
Cable sleeve - CES-SRG-BK-5
09/11/2020
0801640 PHOENIX-0801640 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-25
09/11/2020
0801644 PHOENIX-0801644 Datasheet
68Kb / 3P
Cable sleeve - CES-LRG-BK-27
09/11/2020
0801654 PHOENIX-0801654 Datasheet
69Kb / 3P
Cable sleeve - CES-LRG-BK-32
09/11/2020
0801671 PHOENIX-0801671 Datasheet
67Kb / 4P
Blind sleeve - CES-LRG-BK
09/11/2020
0801718 PHOENIX-0801718 Datasheet
72Kb / 4P
Cable sleeve - CES-SRC-BK
09/11/2020
0801719 PHOENIX-0801719 Datasheet
57Kb / 3P
Cable sleeve - CES-LRC-BK
10/10/2014
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com