Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7628NM Datasheet (PDF) - International Rectifier

OM7628NM Datasheet PDF - International Rectifier
Part # OM7628NM
Download  OM7628NM Download
File Size   20.58 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR

OM7628NM Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7628NM Datasheet PDF - International Rectifier

Part # OM7628NM
Download  OM7628NM Click to download

File Size   20.58 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR

OM7628NM Datasheet (HTML) - International Rectifier


OM7628NM Product details

DESCRIPTION
These three terminal positive regulators are supplied in a hermetically sealed surface mount package. All protective features are designed into the circuit including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 3.0 amps of output current. These units feature 2% initial voltage tolerance, with 0.3% load regulation and .01% line regulation.

FEATURES
• Hermetic Surface Mount Package
• Reference Voltage Set To ±2%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Available Hi-Rel Screened
• Electrically Similar To Industry Standard Type LM150A




Similar Part No. - OM7628NM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7620SM IRF-OM7620SM Datasheet
30Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
OM7621NM IRF-OM7621NM Datasheet
26Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OM7622NM IRF-OM7622NM Datasheet
26Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
OM7623NM IRF-OM7623NM Datasheet
26Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
More results


Similar Description - OM7628NM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7635SM ETC-OM7635SM Datasheet
16Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
OM7627NM ETC-OM7627NM Datasheet
18Kb / 2P
HERMETIC SURFACE MOUNT ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
OM7637SM ETC2-OM7637SM Datasheet
19Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
logo
International Rectifier
OM7620SM IRF-OM7620SM Datasheet
30Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
Positive Adjustable Voltage Regulator
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com