Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78208 Datasheet (PDF) - Renesas Technology Corp

ISL78208 Datasheet PDF - Renesas Technology Corp
Part # ISL78208
Download  ISL78208 Download
File Size   1743.7 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current

ISL78208 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78208 Datasheet PDF - Renesas Technology Corp

Part # ISL78208
Download  ISL78208 Click to download

File Size   1743.7 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current

ISL78208 Datasheet (HTML) - Renesas Technology Corp


ISL78208 Product details

• Wide input voltage range from 4.5V to 28V
• Adjustable output voltage with continuous output current up
to 3A
• Current mode control
• Adjustable switching frequency from 300kHz to 2MHz
• Independent power-good detection
• Selectable In-phase or out-of-phase PWM operation
• Independent, sequential, ratiometric or absolute tracking
between outputs
• Internal 2ms Soft-start time
• Overcurrent/short circuit protection, thermal overload
protection, UVLO
• Boot undervoltage detection
• Qualified for automotive applications
• Pb-Free (RoHS compliant)




Similar Part No. - ISL78208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 12, 2013
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 24P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 12, 2013
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
More results


Similar Description - ISL78208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
December 8, 2010
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
September 22, 2011
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
November 29, 2010
ISL85033EVAL2Z INTERSIL-ISL85033EVAL2Z Datasheet
335Kb / 2P
Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
November 29, 2010
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 12, 2013
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
3A continuous output current
logo
Intersil Corporation
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com