Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNL181 Datasheet (PDF) - Honeywell Solid State Electronics Center

CSNL181 Datasheet PDF - Honeywell Solid State Electronics Center
Part # CSNL181
Download  CSNL181 Download
File Size   228.91 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Hall Effect Current Sensors

CSNL181 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSNL181 Datasheet PDF - Honeywell Solid State Electronics Center

Part # CSNL181
Download  CSNL181 Click to download

File Size   228.91 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Hall Effect Current Sensors

CSNL181 Datasheet (HTML) - Honeywell Solid State Electronics Center


CSNL181 Product details

FEATURES
• Current sensing up to 1000A
• Measures DC, AC and impulse currents
• Very fast response
• High overload capability
• Extended temperature range -40°C to +85°C
• Different termination styles
• Optional conformal coating

DESCRIPTION
These new industrial current sensors extend Honeywell’s closed loop current sensing capability. They offer increased current measuring capability up to 1000Aover an extended temperature range of -40°C to +85°C and are available with different terminal options.
The sensors are closed loop devices based on the principle of the hall effect and null balance method. The output from the current sensor is the balancing current which is a perfect image of the primary current reduced by the number of secondary turns at any time. This current can be expressed as a voltage by passing it through a resistor.

TYPICAL APPLICATIONS
• Variable speed drives
• Overcurrent protection
• Power supplies
• Feedback control systems
• Robotics
• Welding equipment




Similar Part No. - CSNL181

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CSNL181 HONEYWELL-CSNL181 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
logo
Honeywell Accelerometer...
CSNL181 HONEYWELL-ACC-CSNL181 Datasheet
229Kb / 5P
CSN Series Hall Effect Current Sensors
CSNL181 HONEYWELL-ACC-CSNL181 Datasheet
229Kb / 5P
CSN Series Hall Effect Current Sensors
CSNL181 HONEYWELL-ACC-CSNL181 Datasheet
229Kb / 5P
CSN Series Hall Effect Current Sensors
logo
Honeywell Solid State E...
CSNL181 HONEYWELL-CSNL181 Datasheet
229Kb / 5P
Interactive Catalog Replaces Catalog Pages
More results


Similar Description - CSNL181

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S21Z100D15 ETC2-S21Z100D15 Datasheet
195Kb / 3P
Hall Effect Current Sensors
logo
Honeywell Accelerometer...
CSNE151-104 HONEYWELL-ACC-CSNE151-104 Datasheet
229Kb / 5P
CSN Series Hall Effect Current Sensors
CSNK500M HONEYWELL-ACC-CSNK500M Datasheet
229Kb / 5P
CSN Series Hall Effect Current Sensors
CSNR151-004 HONEYWELL-ACC-CSNR151-004 Datasheet
229Kb / 5P
CSN Series Hall Effect Current Sensors
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
Hall Effect Current Sensors
logo
Littelfuse
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
Hall Effect Sensors
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
Hall Effect Sensors
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
Hall Effect Sensors
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com