Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G14 Datasheet (PDF) - STMicroelectronics

74V1G14 Datasheet PDF - STMicroelectronics
Part # 74V1G14
Download  74V1G14 Download
File Size   49.46 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE SCHMITT INVERTER

74V1G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G14 Datasheet PDF - STMicroelectronics

Part # 74V1G14
Download  74V1G14 Click to download

File Size   49.46 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE SCHMITT INVERTER

74V1G14 Datasheet (HTML) - STMicroelectronics


74V1G14 Product details

DESCRIPTION
The 74V1G14 is an advanced high-speed CMOS SINGLE SCHMITT INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output.
Power down protection is provided on input and 0 to 7V can be accepted on input with no regard to the supply voltage. This device can be used to interface 5V to 3V. Pin configuration and function are the same as those of the 74V1G04 but the 74V1G14 has hysteresis.
This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals.
The input is equipped with protection circuits against static discharge, giving it ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 4.3ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ TYPICAL HYSTERESIS: Vh=1V at VCC=4.5V
■ POWER DOWN PROTECTION ON INPUT
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V1G14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G14 STMICROELECTRONICS-74V1G14 Datasheet
110Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1G14CTR STMICROELECTRONICS-74V1G14CTR Datasheet
110Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1G14STR STMICROELECTRONICS-74V1G14STR Datasheet
110Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1G14 STMICROELECTRONICS-74V1G14_04 Datasheet
110Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
More results


Similar Description - 74V1G14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T14 STMICROELECTRONICS-74V1T14 Datasheet
47Kb / 7P
SINGLE SCHMITT INVERTER
Oct-1999
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Rohm
BU4S584G2 ROHM-BU4S584G2 Datasheet
152Kb / 5P
Single Schmitt inverter
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
STMicroelectronics
74V1G14 STMICROELECTRONICS-74V1G14_04 Datasheet
110Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
74V1T14 STMICROELECTRONICS-74V1T14_04 Datasheet
108Kb / 9P
SINGLE SCHMITT INVERTER
Apr-2004
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com