Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS165 Datasheet (PDF) - Texas Instruments

SN74ALS165 Datasheet PDF - Texas Instruments
Part # SN74ALS165
Download  SN74ALS165 Download
File Size   361.23 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PARALLEL-LOAD 8-BIT REGISTERS

SN74ALS165 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS165 Datasheet PDF - Texas Instruments

Part # SN74ALS165
Download  SN74ALS165 Click to download

File Size   361.23 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PARALLEL-LOAD 8-BIT REGISTERS

SN74ALS165 Datasheet (HTML) - Texas Instruments


SN74ALS165 Product details

Complementary Outputs
Direct Overriding Load (Data) Inputs
Gated Clock Inputs
Parallel-to-Serial Data Conversion
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs

description
The ′ALS165 are parallel-load 8-bit serial shift
registers that, when clocked, shift the data toward
serial (QH and QH) outputs. Parallel-in access to
each stage is provided by eight individual direct
data (A−H) inputs that are enabled by a low level
at the shift/load (SH/LD) input. The ′ALS165 have
a clock-inhibit function and complemented serial
outputs.
Clocking is accomplished by a low-to-high
transition of the clock (CLK) input while SH/LD is
held high and the clock inhibit (CLK INH) input is
held low. The functions of CLK and CLK INH are
interchangeable. Since a low CLK and a
low-to-high transition of CLK INH also
accomplishes clocking, CLK INH should be
changed to the high level only while CLK is high.
Parallel loading is inhibited when SH/LD is held
high. The parallel inputs to the register are
enabled while SH/LD is low independently of the
levels of the CLK, CLK INH, or serial (SER) inputs.
The SN54ALS165 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74ALS165 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS165 TI-SN74ALS165 Datasheet
114Kb / 7P
PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165 TI-SN74ALS165 Datasheet
419Kb / 1P
PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165 TI-SN74ALS165 Datasheet
559Kb / 14P
PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165D TI-SN74ALS165D Datasheet
114Kb / 7P
PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165D TI-SN74ALS165D Datasheet
419Kb / 1P
PARALLEL-LOAD 8-BIT REGISTERS
More results


Similar Description - SN74ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS165 TI-SN54ALS165 Datasheet
114Kb / 7P
PARALLEL-LOAD 8-BIT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74ALS165 TI-SN74ALS165 Datasheet
419Kb / 1P
PARALLEL-LOAD 8-BIT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
472Kb / 17P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A_07 Datasheet
735Kb / 19P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54ALS165 TI-SN54ALS165_07 Datasheet
559Kb / 14P
PARALLEL-LOAD 8-BIT REGISTERS
SN54LV166A TI-SN54LV166A_08 Datasheet
525Kb / 18P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54166 TI1-SN54166_15 Datasheet
974Kb / 21P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com