Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS137 Datasheet (PDF) - Texas Instruments

SN74AS137 Datasheet PDF - Texas Instruments
Part # SN74AS137
Download  SN74AS137 Download
File Size   328.03 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS

SN74AS137 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AS137 Datasheet PDF - Texas Instruments

Part # SN74AS137
Download  SN74AS137 Click to download

File Size   328.03 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS

SN74AS137 Datasheet (HTML) - Texas Instruments


SN74AS137 Product details

Combines Decoder and 3-Bit Address
Latch
Incorporates Two Output Enables to
Simplify Cascading
Package Options Include Plastic Small-
Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs

description
The SN54ALS137A, SN74ALS137A, and
SN74AS137 are 3-line to 8-line decoders/
demultiplexers with latches on the three address
inputs. When the latch-enable (LE) input is low,
the devices act as decoders/demultiplexers.
When LE goes from low to high, the address
present at the select (A, B, and C) inputs is stored
in the latches. Further address changes are
ignored as long as LE remains high. The
output-enable controls (G1 and G2) control the
outputs independently of the select or
latch-enable inputs. All of the outputs are forced
high if G1 is low or G2 is high. These devices are
ideally suited for implementing glitch-free
decoders in strobed (stored-address) applications
in bus-oriented systems.
The SN54ALS137A is characterized for operation
over the full military temperature range of −55°C
to 125°C. The SN74ALS137A and SN74AS137
are characterized for operation from 0°C to 70°C.




Similar Part No. - SN74AS137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS137 TI-SN74AS137 Datasheet
518Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74AS137D TI-SN74AS137D Datasheet
518Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74AS137D TI-SN74AS137D Datasheet
439Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMILTIPLEXERS WITH ADDRESS LATCHES
SN74AS137DR TI-SN74AS137DR Datasheet
518Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
SN74AS137DR TI-SN74AS137DR Datasheet
439Kb / 15P
3-LINE TO 8-LINE DECODERS/DEMILTIPLEXERS WITH ADDRESS LATCHES
More results


Similar Description - SN74AS137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com