Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS156D Datasheet (PDF) - Texas Instruments

SN74ALS156D Datasheet PDF - Texas Instruments
Part # SN74ALS156D
Download  SN74ALS156D Download
File Size   361.87 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS

SN74ALS156D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS156D Datasheet PDF - Texas Instruments

Part # SN74ALS156D
Download  SN74ALS156D Click to download

File Size   361.87 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS

SN74ALS156D Datasheet (HTML) - Texas Instruments


SN74ALS156D Product details

Applications:
− Dual 2-Line to 4-Line Decoder
− Dual 1-Line to 4-Line Demultiplexer
− 3-Line to 8-Line Decoder
− 1-Line to 8-Line Demultiplexer
Individual Strobes Simplify Cascading for
Decoding or Demultiplexing Larger Words
Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic (N) 300-mil DIPs

description
One of the main applications of the SN74ALS156 is as a dual 1-line to 4-line decoder/demultiplexer with
individual strobes (G) and common binary-address inputs in a single 16-pin package. When both sections are
enabled, the common binary-address inputs sequentially select and route associated input data to the
appropriate output of each section. The individual strobes permit enabling or disabling each of the 4-bit sections,
as desired.
Data applied to input 1C is inverted at its outputs and data applied at input 2C is not inverted through its outputs.
The inverter following the 1C data input permits use of the SN74ALS156 as a 3-line to 8-line demultiplexer
without external gating. All inputs are clamped with high-performance Schottky diodes to suppress line ringing
and simplify system design.
The SN74ALS156 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS156D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS156D TI-SN74ALS156D Datasheet
109Kb / 7P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156D TI1-SN74ALS156D Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156DE4 TI1-SN74ALS156DE4 Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156DR TI1-SN74ALS156DR Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156DRE4 TI1-SN74ALS156DRE4 Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
More results


Similar Description - SN74ALS156D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS156 TI-SN74ALS156 Datasheet
109Kb / 7P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
7-Segment Decoder/Driver/Latch with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
BCD to 7-Segment Decoder with Open-Collector Outputs
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Texas Instruments
SN74ALS156 TI1-SN74ALS156_14 Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com