Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS232BN Datasheet (PDF) - Texas Instruments

SN74ALS232BN Datasheet PDF - Texas Instruments
Part # SN74ALS232BN
Download  SN74ALS232BN Download
File Size   286.69 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16 × 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY

SN74ALS232BN Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS232BN Datasheet PDF - Texas Instruments

Part # SN74ALS232BN
Download  SN74ALS232BN Click to download

File Size   286.69 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16 × 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY

SN74ALS232BN Datasheet (HTML) - Texas Instruments


SN74ALS232BN Product details

Independent Asynchronous Inputs and
Outputs
16 Words by 4 Bits
Data Rates up to 40 MHz
Fall-Through Time 14 ns Typical
3-State Outputs
Package Options Include Plastic
Small-Outline Package (DW), Plastic Chip
Carriers (FN), and Standard Plastic 300-mil
DIPs (N)

description
This 64-bit memory features high speed and fast
fall-through times. It is organized as 16 words by
4 bits.
A first-in, first-out (FIFO) memory is a storage
device that allows data to be written into and read
from its array at independent data rates. This
FIFO is designed to process data at rates up to
40 MHz in a bit-parallel format, word by word.
Data is written into memory on a low-to-high
transition at the load-clock (LDCK) input and is
read out on a low-to-high transition at the
unload-clock (UNCK) input. The memory is full
when the number of words clocked in exceeds by
16 the number of words clocked out. When the
memory is full, LDCK signals have no effect on the
data residing in memory. When the memory is
empty, UNCK signals have no effect.
Status of the FIFO memory is monitored by the FULL and EMPTY output flags. The FULL output is low when
the memory is full and high when it is not full. The EMPTY output is low when the memory is empty and high
when it is not empty.
A low level on the reset (RST) input resets the internal stack-control pointers and also sets EMPTY low and sets
FULL high. The Q outputs are not reset to any specific logic level. The first low-to-high transition on LDCK, after
either a RST pulse or from an empty condition, causes EMPTY to go high and the data to appear on the
Q outputs. It is important to note that the first word does not have to be unloaded. Data outputs are noninverting
with respect to the data inputs and are at high impedance when the output-enable (OE) input is low. OE does
not affect the FULL or EMPTY output flags. Cascading is easily accomplished in the word-width direction but
is not possible in the word-depth direction.
The SN74ALS232B is characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS232BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS232BN TI-SN74ALS232BN Datasheet
124Kb / 8P
16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Similar Description - SN74ALS232BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com