Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ALS259 Datasheet (PDF) - Texas Instruments

SN54ALS259 Datasheet PDF - Texas Instruments
Part # SN54ALS259
Download  SN54ALS259 Download
File Size   433.2 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT ADDRESSABLE LATCHES

SN54ALS259 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ALS259 Datasheet PDF - Texas Instruments

Part # SN54ALS259
Download  SN54ALS259 Click to download

File Size   433.2 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT ADDRESSABLE LATCHES

SN54ALS259 Datasheet (HTML) - Texas Instruments


SN54ALS259 Product details

8-Bit Parallel-Out Storage Register
Performs Serial-to-Parallel Conversion With
Storage
Asynchronous Parallel Clear
Active-High Decoder
Enable/Disable Input Simplifies Expansion
Expandable for n-Bit Applications
Four Distinct Functional Modes
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs

description
These 8-bit addressable latches are designed for
general-purpose storage applications in digital
systems. Specific uses include working registers,
serial-holding registers, and active-high decoders
or demultiplexers. They are multifunctional
devices capable of storing single-line data in eight
addressable latches and being a 1-of-8 decoder or
demultiplexer with active-high outputs.
Four distinct modes of operation are selectable by
controlling the clear (CLR) and enable (G) inputs
as shown in the function table. In the
addressable-latch mode, data at the data-in
terminal is written into the addressed latch. The
addressed latch follows the data input with all unaddressed latches remaining in their previous states. In the
memory mode, all latches remain in their previous states and are unaffected by the data or address inputs. To
eliminate the possibility of entering erroneous data in the latches, G should be held high (inactive) while the
address lines are changing. In the 1-of-8 decoding or demultiplexing mode, the addressed output follows the
level of the D input with all other outputs low. In the clear mode, all outputs are low and unaffected by the address
and data inputs.
The SN54ALS259 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74ALS259 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN54ALS259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS259 TI-SN54ALS259 Datasheet
118Kb / 7P
8-BIT ADDRESSABLE LATCHES
SN54ALS259 TI-SN54ALS259 Datasheet
642Kb / 17P
8-BIT ADDRESSABLE LATCHES
SN54ALS259FK TI-SN54ALS259FK Datasheet
118Kb / 7P
8-BIT ADDRESSABLE LATCHES
SN54ALS259J TI-SN54ALS259J Datasheet
118Kb / 7P
8-BIT ADDRESSABLE LATCHES
SN54ALS259J TI-SN54ALS259J Datasheet
642Kb / 17P
8-BIT ADDRESSABLE LATCHES
More results


Similar Description - SN54ALS259

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
8-Bit Addressable Latches
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
8-Bit Addressable Latches
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
8-BIT ADDRESSABLE LATCHES
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
8-BIT ADDRESSABLE LATCHES
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
8-Bit Addressable Latches
August, 2014 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com