Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ALS323 Datasheet (PDF) - Texas Instruments

SN54ALS323 Datasheet PDF - Texas Instruments
Part # SN54ALS323
Download  SN54ALS323 Download
File Size   377.08 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS

SN54ALS323 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ALS323 Datasheet PDF - Texas Instruments

Part # SN54ALS323
Download  SN54ALS323 Click to download

File Size   377.08 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS

SN54ALS323 Datasheet (HTML) - Texas Instruments


SN54ALS323 Product details

Multiplexed I/O Ports Provide Improved Bit
Density
Four Modes of Operation:
− Hold (Store)
− Shift Right
− Shift Left
− Load Data
Operate With Outputs Enabled or at High
Impedance
3-State Outputs Drive Bus Lines Directly
Can Be Cascaded for n-Bit Word Lengths
Synchronous Clear
Applications:
− Stacked or Push-Down Registers
− Buffer Storage
− Accumulator Registers
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs

description
These 8-bit universal shift/storage registers
feature multiplexed input/output (I/O) ports to
achieve full 8-bit data handling in a 20-pin
package. Two function-select (S0, S1) inputs and
two output-enable (OE1, OE2) inputs can be used
to choose the modes of operation listed in the
function table.
Synchronous parallel loading is accomplished by taking both S0 and S1 high. This places the 3-state outputs
in the high-impedance state and permits data applied on the I/O ports to be clocked into the register. Reading
out of the register can be accomplished while the outputs are enabled in any mode. Clearing occurs
synchronously when the clear (CLR) input is low. Taking either OE1 or OE2 high disables the outputs but has
no effect on clearing, shifting, or storing data.
The SN54ALS323 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74ALS323 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN54ALS323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
391Kb / 13P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
SN54ALS323FK TI-SN54ALS323FK Datasheet
119Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
SN54ALS323J TI-SN54ALS323J Datasheet
119Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
More results


Similar Description - SN54ALS323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74F323 TI1-SN74F323 Datasheet
130Kb / 8P
8-BIT UNIVERSAL SHIFT-STORAGE REGISTER WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com