Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS841 Datasheet (PDF) - Texas Instruments

SN74ALS841 Datasheet PDF - Texas Instruments
Part # SN74ALS841
Download  SN74ALS841 Download
File Size   257.88 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS

SN74ALS841 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS841 Datasheet PDF - Texas Instruments

Part # SN74ALS841
Download  SN74ALS841 Click to download

File Size   257.88 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS

SN74ALS841 Datasheet (HTML) - Texas Instruments


SN74ALS841 Product details

3-State Buffer-Type Outputs Drive Bus
Lines Directly
Bus-Structured Pinout
Provide Extra Bus-Driving Latches
Necessary for Wider Address/Data Paths or
Buses With Parity
Buffered Control Inputs to Reduce
dc Loading Effects
Power-Up High-Impedance State
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (NT) 300-mil DIPs

description
These 10-bit latches feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The ten latches are transparent D-type latches.
The SN74ALS841 and SN74AS841A have
noninverting data (D) inputs. The SN74ALS842
has inverting D inputs.
A buffered output-enable (OE) input places the ten
outputs in either a normal logic state (high or low
logic levels) or a high-impedance state. In the
high-impedance state, the outputs neither load
nor drive the bus lines significantly. The
high-impedance state and increased drive provide
the capability to drive bus lines without interface or
pullup components.
OE does not affect the internal operation of the latches. Previously stored data can be retained or new data can
be entered while the outputs are off.
The SN74ALS841, SN74AS841A, and SN74ALS842 are characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
141Kb / 11P
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841 Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841DW TI-SN74ALS841DW Datasheet
131Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841DW TI-SN74ALS841DW Datasheet
141Kb / 11P
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALS841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT841 TI-SN54ABT841 Datasheet
109Kb / 7P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT841ADBR TI-SN74ABT841ADBR Datasheet
788Kb / 21P
10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54BCT29841 TI1-SN54BCT29841_08 Datasheet
89Kb / 5P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com