Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS873B Datasheet (PDF) - Texas Instruments

SN74ALS873B Datasheet PDF - Texas Instruments
Part # SN74ALS873B
Download  SN74ALS873B Download
File Size   361.93 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS

SN74ALS873B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS873B Datasheet PDF - Texas Instruments

Part # SN74ALS873B
Download  SN74ALS873B Click to download

File Size   361.93 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS

SN74ALS873B Datasheet (HTML) - Texas Instruments


SN74ALS873B Product details

3-State Buffer-Type Outputs Drive Bus
Lines Directly
Bus-Structured Pinout
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Plastic (NT) and
Ceramic (JT) DIPs

description
These dual 4-bit D-type latches feature 3-state
outputs designed specifically for bus driving.
These devices are particularly suitable for
implementing buffer registers, I/O ports,
bidirectional bus drivers, and working registers.
The dual 4-bit latches are transparent D-type
latches. While the latch-enable (LE) input is high,
the Q outputs follow the data (D) inputs in true
form, according to the function table. When LE is
low, the outputs are latched. When the clear (CLR)
input goes low, the Q outputs go low
independently of LE. The outputs are in the
high-impedance state when the output-enable
(OE) input is at a high logic level.
The SN54ALS873B and SN54AS873A are
characterized for operation over the full military
temperature range of −55°C to 125°C. The
SN74ALS873B and SN74AS873A are
characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS873B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS873B TI-SN74ALS873B Datasheet
121Kb / 8P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDW TI-SN74ALS873BDW Datasheet
121Kb / 8P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDW TI-SN74ALS873BDW Datasheet
138Kb / 9P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDWR TI-SN74ALS873BDWR Datasheet
138Kb / 9P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BNT TI-SN74ALS873BNT Datasheet
121Kb / 8P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALS873B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS873B TI-SN54ALS873B Datasheet
121Kb / 8P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
16-bit Transparent D-type Latches with 3-state Outputs
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
50Kb / 5P
Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
logo
Texas Instruments
SNJ54ALS873B TI-SNJ54ALS873B Datasheet
138Kb / 9P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS880A TI-SN54ALS880A Datasheet
82Kb / 6P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS880ANT TI-SN74ALS880ANT Datasheet
89Kb / 7P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com