Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALS666 Datasheet (PDF) - Texas Instruments

SN74ALS666 Datasheet PDF - Texas Instruments
Part # SN74ALS666
Download  SN74ALS666 Download
File Size   252.62 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS

SN74ALS666 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALS666 Datasheet PDF - Texas Instruments

Part # SN74ALS666
Download  SN74ALS666 Click to download

File Size   252.62 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS

SN74ALS666 Datasheet (HTML) - Texas Instruments


SN74ALS666 Product details

3-State I/O-Type Read-Back Inputs
Bus-Structured Pinout
Choice of True or Inverting Logic
– SN74ALS666 . . . True Outputs
– SN74ALS667 . . . Inverted Outputs
Preset and Clear Inputs
Package Options Include Plastic
Small-Outline (DW) Packages and Standard
Plastic (NT) 300-mil DIPs

description
These 8-bit D-type transparent latches are
designed specifically for storing the contents of
the input data bus, plus reading back the stored
data onto the input data bus. In addition, they
provide a 3-state buffer-type output and are easily
utilized in bus-structured applications.
While the latch enable (LE) is high, the Q outputs
of the SN74ALS666 follow the data (D) inputs. The
Q outputs of the SN74ALS667 provide the inverse
of the data applied to its D inputs. The Q or
Q output of both devices is in the high-impedance
state if either output-enable (OE1 or OE2) input is
at a high logic level.
Read back is provided through the read-back
control (OERB) input. When OERB is taken low,
the data present at the output of the data latches
passes back onto the input data bus. When OERB
is taken high, the output of the data latches is
isolated from the D inputs. OERB does not affect
the internal operation of the latches; however,
caution should be exercised to avoid a bus
conflict.
The SN74ALS666 and SN74ALS667 are
characterized for operation from 0°C to 70°C.




Similar Part No. - SN74ALS666

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666 Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666DW TI-SN74ALS666DW Datasheet
125Kb / 8P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666DW TI1-SN74ALS666DW Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666DWE4 TI1-SN74ALS666DWE4 Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALS666

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS992 TI-SN74ALS992 Datasheet
95Kb / 6P
9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
16-bit Transparent D-type Latches with 3-state Outputs
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com