Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC00 Datasheet (PDF) - Texas Instruments

SN74ALVC00 Datasheet PDF - Texas Instruments
Part # SN74ALVC00
Download  SN74ALVC00 Download
File Size   333.55 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT POSITIVE-NAND GATE

SN74ALVC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVC00 Datasheet PDF - Texas Instruments

Part # SN74ALVC00
Download  SN74ALVC00 Click to download

File Size   333.55 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUADRUPLE 2-INPUT POSITIVE-NAND GATE

SN74ALVC00 Datasheet (HTML) - Texas Instruments


SN74ALVC00 Product details

Qualified for Automotive Applications
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Operates From 1.65 V to 3.6 V
Max tpd of 3 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Latch-Up Performance Exceeds 250 mA Per
JESD 17

description/ordering informatiom
The SN74ALVC00 quadruple 2-input positive-NAND gate is designed for 1.65-V to 3.6-V VCC operation.
The device performs the Boolean function Y = A • B or Y = A + B in positive logic.




Similar Part No. - SN74ALVC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00 Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI1-SN74ALVC00 Datasheet
769Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI2-SN74ALVC00 Datasheet
595Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED AUGUST 2004
More results


Similar Description - SN74ALVC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11000 TI-74AC11000 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_07 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
Quadruple 2-Input Positive-NAND Gate
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com