Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ALS996 Datasheet (PDF) - Texas Instruments

SN54ALS996 Datasheet PDF - Texas Instruments
Part # SN54ALS996
Download  SN54ALS996 Download
File Size   373.77 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES

SN54ALS996 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54ALS996 Datasheet PDF - Texas Instruments

Part # SN54ALS996
Download  SN54ALS996 Click to download

File Size   373.77 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES

SN54ALS996 Datasheet (HTML) - Texas Instruments


SN54ALS996 Product details

3-State I/O-Type Read-Back Inputs
Bus-Structured Pinout
T/C Determines True or Complementary
Data at Q Outputs
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
NT) and Ceramic (JT) 300-mil DIPs

description
These 8-bit latches are designed specifically for
storing the contents of the input data bus and
providing the capability of reading back the stored
data onto the input data bus. The Q outputs are
designed with bus-driving capability.
The edge-triggered flip-flops enter the data on the
low-to-high transition of the clock (CLK) input
when the enable (EN) input is low. Data can be
read back onto the data inputs by taking the read
(RD) input low, in addition to having EN low. When
EN is high, both the read-back and write modes
are disabled. Transitions on EN should only be
made with CLK high to prevent false clocking.
The polarity of the Q outputs can be controlled by
the polarity (T/C) input. When T/C is high, Q is the
same as is stored in the flip-flops. When T/C is low,
the output data is inverted. The Q outputs can be
placed in the high-impedance state by taking the
output-enable (OE) input high. OE does not affect
the internal operation of the register. Old data can
be retained or new data can be entered while the
outputs are off.
A low level at the clear (CLR) input resets the
internal registers low. The clear function is
asynchronous and overrides all other register
functions.
The -1 version of the SN74ALS996 is identical to the standard version, except that the recommended maximum
IOL for the -1 version is increased to 48 mA. There is no -1 version of the SN54ALS996.
The SN54ALS996 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74ALS996 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN54ALS996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS996 TI-SN54ALS996 Datasheet
133Kb / 9P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN54ALS996 TI1-SN54ALS996 Datasheet
673Kb / 17P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN54ALS996FK TI-SN54ALS996FK Datasheet
133Kb / 9P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN54ALS996JT TI-SN54ALS996JT Datasheet
133Kb / 9P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN54ALS996 TI1-SN54ALS996_15 Datasheet
673Kb / 17P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
More results


Similar Description - SN54ALS996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS996 TI-SN54ALS996 Datasheet
133Kb / 9P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
National Semiconductor ...
DM74ALS996 NSC-DM74ALS996 Datasheet
225Kb / 5P
Octal D-Type Edge-Triggered Readback Latches
logo
Texas Instruments
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54BCT374 TI-SN54BCT374_07 Datasheet
565Kb / 17P
OCTAL EDGE-TRIGGERED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN54ALS996 TI1-SN54ALS996_15 Datasheet
673Kb / 17P
8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com