Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVCH244 Datasheet (PDF) - Texas Instruments

SN74ALVCH244 Datasheet PDF - Texas Instruments
Part # SN74ALVCH244
Download  SN74ALVCH244 Download
File Size   683.0 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74ALVCH244 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ALVCH244 Datasheet PDF - Texas Instruments

Part # SN74ALVCH244
Download  SN74ALVCH244 Click to download

File Size   683.0 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74ALVCH244 Datasheet (HTML) - Texas Instruments


SN74ALVCH244 Product details

FEATURES
· Operates From 1.65 V to 3.6 V
· Max tpd of 2.8 ns at 3.3 V
· ±24-mA Output Drive at 3.3 V
· Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
· Latch-Up Performance Exceeds 250 mA Per
JESD 17
· ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)

DESCRIPTION/ORDERING INFORMATION
This octal buffer/line driver is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVCH244 is organized as two 4-bit line drivers with separate output-enable (OE) inputs. When OE is
low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.




Similar Part No. - SN74ALVCH244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH244 TI-SN74ALVCH244 Datasheet
134Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH244 TI-SN74ALVCH244 Datasheet
321Kb / 16P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH244DGV TI-SN74ALVCH244DGV Datasheet
134Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH244DGVR TI-SN74ALVCH244DGVR Datasheet
321Kb / 16P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH244DW TI-SN74ALVCH244DW Datasheet
134Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74ALVCH244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com