Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0824440 Datasheet (PDF) - PHOENIX CONTACT

0824440 Datasheet PDF - PHOENIX CONTACT
Part # 0824440
Download  0824440 Download
File Size   178.48 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LBHZ 3/WH CUS - Cable marker

0824440 Datasheet (PDF)

Go To PDF Page Download Datasheet
0824440 Datasheet PDF - PHOENIX CONTACT

Part # 0824440
Download  0824440 Click to download

File Size   178.48 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description LBHZ 3/WH CUS - Cable marker

0824440 Datasheet (HTML) - PHOENIX CONTACT


0824440 Product details

Cable marker, can be ordered: Strip, white, labeled according to customer specifications, cable
diameter range: 2.5 ... 47 mm, mounting type: slide-on, Number of individual labels: 10, text field
height: 10 mm, text field width: 5.5 mm




Similar Part No. - 0824440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824441 PHOENIX-0824441 Datasheet
190Kb / 5P
PABA BU/15 CUS - Cable marker
0824442 PHOENIX-0824442 Datasheet
182Kb / 4P
PABA RD/15 CUS - Cable marker
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
0824445 PHOENIX-0824445 Datasheet
185Kb / 5P
PABA WH/23 CUS - Cable marker
More results


Similar Description - 0824440

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824280 PHOENIX-0824280 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH CUS
0824281 PHOENIX-0824281 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB10/WH CUS
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0825121 PHOENIX-0825121 Datasheet
54Kb / 3P
Marker cards - SK 2,8 REEL P3,5 WH CUS
0825123 PHOENIX-0825123 Datasheet
55Kb / 3P
Marker cards - SK 2,8 REEL P5,08 WH CUS
0825125 PHOENIX-0825125 Datasheet
55Kb / 3P
Marker cards - SK 3,8 REEL P5,08 WH CUS
0825131 PHOENIX-0825131 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,5 WH CUS
0825132 PHOENIX-0825132 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,62 WH CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com