Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T00 Datasheet (PDF) - STMicroelectronics

74V1T00 Datasheet PDF - STMicroelectronics
Part # 74V1T00
Download  74V1T00 Download
File Size   48.37 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT NAND GATE

74V1T00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1T00 Datasheet PDF - STMicroelectronics

Part # 74V1T00
Download  74V1T00 Click to download

File Size   48.37 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT NAND GATE

74V1T00 Datasheet (HTML) - STMicroelectronics


74V1T00 Product details

DESCRIPTION
The 74V1T00 is an advanced high-speed CMOS SINGLE 2-INPUT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output.
Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V.

■ HIGH SPEED: tPD = 5.0ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS:
   VIH = 2V (MIN), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS:
   tPLH = tPHL
■ OPERATING VOLTAGE RANGE:
   VCC(OPR) = 4.5V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V1T00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T00 STMICROELECTRONICS-74V1T00 Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
74V1T00CTR STMICROELECTRONICS-74V1T00CTR Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
74V1T00STR STMICROELECTRONICS-74V1T00STR Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
74V1T00 STMICROELECTRONICS-74V1T00_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
More results


Similar Description - 74V1T00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
STMicroelectronics
74V1T00 STMICROELECTRONICS-74V1T00_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
Single 2-input NAND gate
Rev. 13 - 8 February 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com