Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA211605 Datasheet (PDF) - Renesas Technology Corp

RAA211605 Datasheet PDF - Renesas Technology Corp
Part # RAA211605
Download  RAA211605 Download
File Size   1643.68 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V 0.5A DC/DC Step-Down Regulator with 450kHz Switching Frequency

RAA211605 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211605 Datasheet PDF - Renesas Technology Corp

Part # RAA211605
Download  RAA211605 Click to download

File Size   1643.68 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V 0.5A DC/DC Step-Down Regulator with 450kHz Switching Frequency

RAA211605 Datasheet (HTML) - Renesas Technology Corp


RAA211605 Product details

▪ Wide input voltage range: 4.5V to 60V
▪ Adjustable output voltage
▪ Up to 0.5A output current
▪ Internal compensation
▪ Internal soft start
▪ 600mΩ internal MOSFET
▪ 450kHz nominal switching frequency
▪ Pulse skipping mode under light load condition
▪ Cycle-by-cycle current limit
▪ Input voltage UVLO and output voltage
undervoltage protection
▪ Thermal shutdown
▪ Available in the TSOT23-6 package




Similar Part No. - RAA211605

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211605 RENESAS-RAA211605 Datasheet
1Mb / 17P
60V 0.5A DC/DC Step-Down Regulator with 450kHz Switching Frequency
Oct 13, 2021
More results


Similar Description - RAA211605

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3700 LINER-LTC3700 Datasheet
209Kb / 16P
Constant Frequency Step-Down DC/DC Controller with LDO Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
0.5A Step-Down Switching Regulator
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
0.5A, 60V Step Down DC/DC Converter with Eco-mode?
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
1.5A Step-Down DC-DC Switching Regulator
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
Step-Down DC-DC Switching Regulator
logo
AiT Semiconductor Inc.
A7466 AITSEMI-A7466 Datasheet
621Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 60V,480KHZ,0.5A STEP-DOWN CONVERTER
REV1.0
logo
Renesas Technology Corp
RAA211605 RENESAS-RAA211605 Datasheet
1Mb / 17P
60V 0.5A DC/DC Step-Down Regulator with 450kHz Switching Frequency
Oct 13, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com