Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AVC16722 Datasheet (PDF) - Texas Instruments

SN74AVC16722 Datasheet PDF - Texas Instruments
Part # SN74AVC16722
Download  SN74AVC16722 Download
File Size   586.61 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS

SN74AVC16722 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC16722 Datasheet PDF - Texas Instruments

Part # SN74AVC16722
Download  SN74AVC16722 Click to download

File Size   586.61 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS

SN74AVC16722 Datasheet (HTML) - Texas Instruments


SN74AVC16722 Product details

Member of the Texas Instruments
WidebusE Family
EPICE (Enhanced-Performance Implanted
CMOS) Submicron Process
DOCE (Dynamic Output Control) Circuit
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without
Speed Degradation
Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of
±24 mA at 2.5-V VCC
Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class I
Packaged in Thin Shrink Small-Outline
Package

description
A Dynamic Output Control (DOC) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1
shows typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the
circuit. At the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is
equivalent to a high-drive standard-output device. For more information, refer to the TI application reports, AVC
Logic Family Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOCE)
Circuitry Technology and Applications, literature number SCEA009.
This 22-bit flip-flop is operational at 1.2-V to 3.6-V VCC, but is designed specifically for 1.65-V to 3.6-V VCC
operation.
The 22 flip-flops of the SN74AVC16722 are edge-triggered D-type flip-flops with clock-enable (CLKEN) input.
On the positive transition of the clock (CLK) input, the device stores data into the flip-flops if CLKEN is low. If
CLKEN is high, no data is stored.
A buffered output-enable (OE) input places the 22 outputs in either a normal logic state (high or low) or the
high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly.
OE does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.




Similar Part No. - SN74AVC16722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16722 TI-SN74AVC16722 Datasheet
202Kb / 1P
22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16722DGG TI-SN74AVC16722DGG Datasheet
202Kb / 1P
22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16722DGGR TI-SN74AVC16722DGGR Datasheet
202Kb / 1P
22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Similar Description - SN74AVC16722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16721 TI-SN74ALVCH16721 Datasheet
137Kb / 9P
3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74AVC16722 TI-SN74AVC16722 Datasheet
202Kb / 1P
22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16721 PERICOM-PI74ALVCH16721 Datasheet
271Kb / 5P
3.3V 20-Bit Flip-Flop with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com