Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AXC2T245 Datasheet (PDF) - Texas Instruments

SN74AXC2T245 Datasheet PDF - Texas Instruments
Part # SN74AXC2T245
Download  SN74AXC2T245 Download
File Size   546.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC2T245-Q1 Automotive 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs

SN74AXC2T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AXC2T245 Datasheet PDF - Texas Instruments

Part # SN74AXC2T245
Download  SN74AXC2T245 Click to download

File Size   546.57 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC2T245-Q1 Automotive 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs

SN74AXC2T245 Datasheet (HTML) - Texas Instruments


SN74AXC2T245 Product details

1 Features
1• AEC-Q100 automotive qualified
• Fully configurable dual-rail design allows each
port to operate with a power supply range rrom
0.65 V to 3.6 V
• Operating temperature from –40°C to +125°C
• DIR control input for each channel
• Glitch-free power supply sequencing
• Up to 380 Mbps support when translating from 1.8
V to 3.3 V
• VCC isolation feature
– If either VCC input is below 100 mV, all I/O
outputs are disabled and become highimpedance
• Ioff supports partial-power-down mode operation
• Compatible with AVC-family level shifters
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JEDEC JS-001
– 8000-V Human-body model
– 1000-V Charged-device model

2 Applications
• HEV/EV
• Infotainment head unit
• ADAS fusion
• ADAS front camera
• Enterprise and communications

3 Description
The SN74AXC2T245-Q1 is a two-bit noninverting bus
transceiver that uses two individually configurable
power-supply rails. The device is operational with
both VCCA and VCCB supplies as low as 0.65 V. The A
port is designed to track VCCA, which accepts any
supply voltage from 0.65 V to 3.6 V. The B port is
designed to track VCCB, which also accepts any
supply voltage from 0.65 V to 3.6 V. Additionally the
SN74AXC2T245-Q1 is compatible with a singlesupply
system.
The SN74AXC2T245-Q1 device is designed for
asynchronous communication between data buses.
The device transmits data from the A bus to the B
bus or from the B bus to the A bus, depending on the
logic level of the direction-control inputs (DIRx). The
SN74AXC2T245-Q1 device is designed so the control
pin (DIR) is referenced to VCCA.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry ensures that no excessive current is drawn
from or to an input, output, or combined I/O that is
biased to a specific voltage while the device is
powered down.
The VCC isolation feature ensures that if either VCCA
or VCCB is less than 100 mV, both I/O ports enter a
high-impedance state by disabling their outputs.
Glitch-free power supply sequencing allows either
supply rail to be powered on or off in any order while
providing robust power sequencing performance.




Similar Part No. - SN74AXC2T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T245 TI1-SN74AXC2T245 Datasheet
331Kb / 26P
SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXC2T245 TI2-SN74AXC2T245 Datasheet
929Kb / 32P
SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
REVISED FEBRUARY 2024
SN74AXC2T245-Q1 TI1-SN74AXC2T245-Q1 Datasheet
671Kb / 35P
SN74AXC2T245-Q1 Automotive 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXC2T245-Q1 TI2-SN74AXC2T245-Q1 Datasheet
929Kb / 32P
SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
REVISED FEBRUARY 2024
SN74AXC2T245RSWR TI1-SN74AXC2T245RSWR Datasheet
331Kb / 26P
SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
More results


Similar Description - SN74AXC2T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC8T245-Q1 TI1-SN74AXC8T245-Q1_V01 Datasheet
432Kb / 31P
SN74AXC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI1-SN74AXC4T245-Q1 Datasheet
296Kb / 27P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI1-SN74AXC4T245-Q1_V01 Datasheet
582Kb / 34P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC2T245-Q1 TI1-SN74AXC2T245-Q1 Datasheet
671Kb / 35P
SN74AXC2T245-Q1 Automotive 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXC2T245 TI1-SN74AXC2T245 Datasheet
331Kb / 26P
SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V02 Datasheet
1Mb / 36P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245-Q1 TI-SN74AXC8T245-Q1_V02 Datasheet
2Mb / 37P
SN74AXC8T245-Q1 Automotive 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V03 Datasheet
2Mb / 39P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED SEPTEMBER 2021
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V04 Datasheet
2Mb / 44P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
DECEMBER 2021
SN74AXC4T245-Q1 TI-SN74AXC4T245-Q1_V05 Datasheet
2Mb / 44P
SN74AXC4T245-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
REVISED DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com