Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7285 Datasheet (PDF) - SNA Europe

7285 Datasheet PDF - SNA Europe
Part # 7285
Download  7285 Download
File Size   704.73 Kbytes
Page   2 Pages
Manufacturer  LINDSTROM [SNA Europe]
Direct Link  https://www.lindstromtools.com/
Logo LINDSTROM - SNA Europe
Description Flush Precision Cut 45° Angle Oblique Cutter 0.2 -1 mm

7285 Datasheet (PDF)

Go To PDF Page Download Datasheet
7285 Datasheet PDF - SNA Europe

Part # 7285
Download  7285 Click to download

File Size   704.73 Kbytes
Page   2 Pages
Manufacturer  LINDSTROM [SNA Europe]
Direct Link  https://www.lindstromtools.com/
Logo LINDSTROM - SNA Europe
Description Flush Precision Cut 45° Angle Oblique Cutter 0.2 -1 mm

7285 Datasheet (HTML) - SNA Europe


7285 Product details

PRODUCT DETAILS
• Supreme series 45° oblique cutter
• ESD safe mono-material handles with returnspring
• Flush cut
• The cutting capacity given is for copper wire
• Suitable for cutting Cu
• High performance alloyed steel
• Polished finish
• Numerically controlled machine grinding guarantees edge angle accuracy & contact, increases the tools reliability & consistency
• Precision induction hardened edges 58-60 HRC
• Screw joint that minimizes friction & maximizes alignment of cutting edges
• Ideal for rework & close assembly needs




Similar Part No. - 7285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7285 ETC2-7285 Datasheet
31Kb / 1P
Small Roll Paper Wipers
logo
Renesas Technology Corp
72851L10LPFG RENESAS-72851L10LPFG Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
72851L10LPFG8 RENESAS-72851L10LPFG8 Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
72851L10LPFGI RENESAS-72851L10LPFGI Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
72851L10LPFGI8 RENESAS-72851L10LPFGI8 Datasheet
323Kb / 17P
DUAL CMOS SyncFIFO™
FEBRUARY 2018
More results


Similar Description - 7285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3026-441 ETC1-3026-441 Datasheet
73Kb / 1P
Oblique Angle Entry Modular Telephone Jack
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
Precision SC-cut OCXO in 20x20 mm Through Hole Package
OE-X8HXXXXX NEL-OE-X8HXXXXX Datasheet
40Kb / 3P
Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OGX8HXXXXX NEL-OGX8HXXXXX Datasheet
44Kb / 3P
Precision SC-cut OCXO in 1?쓝1??Through Hole Package
logo
List of Unclassifed Man...
PIT66U ETC-PIT66U Datasheet
452Kb / 1P
Fibers can be free cut using fiber cutter
776E ETC2-776E Datasheet
45Kb / 1P
Erem 4 1/4 Diagonal Tapered Relieved Head Cutter Super Full Flush Cut, Magic
logo
HK TO-GRACE TECHNOLOGY ...
APGF1011SEEPBVGC-TT TO-GRACE-APGF1011SEEPBVGC-TT Datasheet
1Mb / 4P
1 x 1 x 0.2 mm Full-Color Surface Mount LED
KPGF-1011GBRC-120 TO-GRACE-KPGF-1011GBRC-120 Datasheet
1Mb / 4P
1 x 1 x 0.2 mm Full-Color Surface Mount LED
logo
PHOENIX CONTACT
1212487 PHOENIX-1212487 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP-1
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com