Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS-063S Datasheet (PDF) - Europa PLC

MMS-063S Datasheet PDF - Europa PLC
Part # MMS-063S
Download  MMS-063S Download
File Size   647.55 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description Manual Motor Starters

MMS-063S Datasheet (PDF)

Go To PDF Page Download Datasheet
MMS-063S Datasheet PDF - Europa PLC

Part # MMS-063S
Download  MMS-063S Click to download

File Size   647.55 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description Manual Motor Starters

MMS-063S Datasheet (HTML) - Europa PLC


MMS-063S Product details

Features
• Thermal and short circuit protection of AC electric motors with
power up to 15kW (380 / 440V) 32A; can also be used as a main
switch
• Simple snap fitting on 35mm mounting rail




Similar Part No. - MMS-063S

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MMS-00013-02 MOLEX-MMS-00013-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00013-04 MOLEX-MMS-00013-04 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00014-02 MOLEX-MMS-00014-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00014-04 MOLEX-MMS-00014-04 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
More results


Similar Description - MMS-063S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
Manual Motor Starter MU
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
Manual Motor Starters Accessories
logo
Schneider Electric
8536SGO1V06H30S SCHNEIDER-8536SGO1V06H30S Datasheet
141Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBO4V02ES SCHNEIDER-8736SBO4V02ES Datasheet
160Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBO8V02S SCHNEIDER-8736SBO8V02S Datasheet
124Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SDO2V03 SCHNEIDER-8736SDO2V03 Datasheet
154Kb / 2P
NEMA Type S Motor Starters
Jan 16, 2023
8736SBA1V02 SCHNEIDER-8736SBA1V02 Datasheet
193Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
8736SBA4V03 SCHNEIDER-8736SBA4V03 Datasheet
192Kb / 2P
NEMA Type S Motor Starters
Jan 19, 2023
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com