Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH3010 Datasheet (PDF) - OSRAM GmbH

SFH3010 Datasheet PDF - OSRAM GmbH
Part # SFH3010
Download  SFH3010 Download
File Size   56.37 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description NPN-Silizium-Fototransistor

SFH3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH3010 Datasheet PDF - OSRAM GmbH

Part # SFH3010
Download  SFH3010 Click to download

File Size   56.37 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description NPN-Silizium-Fototransistor

SFH3010 Datasheet (HTML) - OSRAM GmbH


SFH3010 Product details

Features
• Very small SMT package (SCD 80): (LxWxH) 1.7 mm x 0.8 mm x 0.65 mm
• Especially suitable for applications from 420 nm to 1100 nm
• large viewing angle ±80°
• suitable for IR reflow soldering (JEDEC level 4)
• Available only on tape and reel

Applications
• Miniature photointerrupters
• Sensor technology (eg mobile phone)
• For control and drive circuits




Similar Part No. - SFH3010

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3015FA OSRAM-SFH3015FA Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
More results


Similar Description - SFH3010

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
NPN-Silizium-Fototransistor
SFH305 OSRAM-SFH305_01 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
NPN-Silizium-Fototransistor
BP-103 OSRAM-BP-103 Datasheet
226Kb / 7P
NPN-Silizium-Fototransistor
SFH-303-FA OSRAM-SFH-303-FA Datasheet
304Kb / 7P
NPN-Silizium-Fototransistor
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com