Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM185SM Datasheet (PDF) - International Rectifier

OM185SM Datasheet PDF - International Rectifier
Part # OM185SM
Download  OM185SM Download
File Size   45.01 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Three Terminal, Adjustable Low Dropout 2.0 Amp And 1.0 Amp Positive Voltage Regulators

OM185SM Datasheet (PDF)

Go To PDF Page Download Datasheet
OM185SM Datasheet PDF - International Rectifier

Part # OM185SM
Download  OM185SM Click to download

File Size   45.01 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Three Terminal, Adjustable Low Dropout 2.0 Amp And 1.0 Amp Positive Voltage Regulators

OM185SM Datasheet (HTML) - International Rectifier


OM185SM Product details

DESCRIPTION
These three terminal positive adjustable voltage regulators in a surface mount package are designed to provide 2.0 Amps and 1.0 Amp with higher efficiency than conventional voltage regulators. The devices are designed to operate to 1 Volt input to output differential and the dropout voltage is specified as a function of load current. These devices are ideally suited for Hi-Rel applications where surface mount, small size, hermeticity and high reliability are required.

FEATURES
• Hermetic Surface Mount Package
• Operates Down To 1V Dropout, 1.5V @ Max. Current
• .020% Line Regulation Typically
• .050% Load Regulation Typically
• 1% Reference Voltage
• Electrically Equivalent To LT1085 And LT1086
• Available Hi-Rel Screened




Similar Part No. - OM185SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM185SR ETC-OM185SR Datasheet
59Kb / 5P
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
American Microsemicondu...
OM185SR AMMSEMI-OM185SR Datasheet
1Mb / 3P
Positive Voltage Regulators
logo
List of Unclassifed Man...
OM185ST ETC-OM185ST Datasheet
59Kb / 5P
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
American Microsemicondu...
OM185ST AMMSEMI-OM185ST Datasheet
1Mb / 3P
Positive Voltage Regulators
More results


Similar Description - OM185SM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
1.5 Amp Low Dropout Positive Voltage Regulators
logo
Semtech Corporation
EZ1584C SEMTECH-EZ1584C Datasheet
89Kb / 5P
7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com