Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G00 Datasheet (PDF) - STMicroelectronics

74V2G00 Datasheet PDF - STMicroelectronics
Part # 74V2G00
Download  74V2G00 Download
File Size   44.05 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2-INPUT NAND GATE

74V2G00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V2G00 Datasheet PDF - STMicroelectronics

Part # 74V2G00
Download  74V2G00 Click to download

File Size   44.05 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 2-INPUT NAND GATE

74V2G00 Datasheet (HTML) - STMicroelectronics


74V2G00 Product details

DESCRIPTION
The V2G00 is an advanced high-speed CMOS SINGLE 2-INPUT NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.
   
■ HIGH SPEED: tPD = 3.7ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8mA (MIN)
■ BALANCED PROPAGATION DELAYS:
    tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74V2G00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G00 STMICROELECTRONICS-74V2G00 Datasheet
132Kb / 7P
DUAL 2-INPUT NAND GATE
Oct-2003
74V2G00STR STMICROELECTRONICS-74V2G00STR Datasheet
132Kb / 7P
DUAL 2-INPUT NAND GATE
Oct-2003
74V2G00 STMICROELECTRONICS-74V2G00_03 Datasheet
132Kb / 7P
DUAL 2-INPUT NAND GATE
Oct-2003
More results


Similar Description - 74V2G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
logo
NXP Semiconductors
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
Dual 2-input NAND gate
Rev. 12-8 April 2013
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
Dual 2-input NAND gate
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
Dual 2-input NAND gate
Rev. 6 - 20 November 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com