Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74CBTS16212 Datasheet (PDF) - Texas Instruments

SN74CBTS16212 Datasheet PDF - Texas Instruments
Part # SN74CBTS16212
Download  SN74CBTS16212 Download
File Size   570.86 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING

SN74CBTS16212 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBTS16212 Datasheet PDF - Texas Instruments

Part # SN74CBTS16212
Download  SN74CBTS16212 Click to download

File Size   570.86 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING

SN74CBTS16212 Datasheet (HTML) - Texas Instruments


SN74CBTS16212 Product details

Member of the Texas Instruments
Widebus Family
5-Ω Switch Connection Between Two Ports
TTL-Compatible Input Levels
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)

description
The SN74CBTS16212 provides 24 bits of
high-speed TTL-compatible bus switching or
exchanging with Schottky diodes on the I/Os to
clamp undershoot. The low on-state resistance of
the switch allows connections to be made with
minimal propagation delay.
The device operates as a 24-bit bus switch or as
a 12-bit bus exchanger that provides data
exchanging between the four signal ports via the
data-select (S0–S2) terminals.




Similar Part No. - SN74CBTS16212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
350Kb / 12P
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212DGG TI-SN74CBTS16212DGG Datasheet
82Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212DGGR TI-SN74CBTS16212DGGR Datasheet
350Kb / 12P
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212DGV TI-SN74CBTS16212DGV Datasheet
82Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
More results


Similar Description - SN74CBTS16212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTS16211 TI-SN74CBTS16211 Datasheet
76Kb / 5P
24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS16212 TI-SN74CBTS16212 Datasheet
82Kb / 5P
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTS3384 TI-SN74CBTS3384 Datasheet
66Kb / 5P
10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTS16212 TI-SN74CBTS16212_08 Datasheet
350Kb / 12P
24-BIT FET BUS-EXCHANGE SWITCH WITH SCHOTTKY DIODE CLAMPING
logo
Renesas Technology Corp
HD74CBTS16212A RENESAS-HD74CBTS16212A Datasheet
237Kb / 13P
24-bit FET Bus-Exchange Switches with Schottky diode clamping
logo
Texas Instruments
SN74CBTS16211 TI1-SN74CBTS16211_08 Datasheet
342Kb / 11P
24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTS3384 TI1-SN74CBTS3384_15 Datasheet
904Kb / 16P
10-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com