Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F1016 Datasheet (PDF) - Texas Instruments

SN74F1016 Datasheet PDF - Texas Instruments
Part # SN74F1016
Download  SN74F1016 Download
File Size   516.62 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY

SN74F1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74F1016 Datasheet PDF - Texas Instruments

Part # SN74F1016
Download  SN74F1016 Click to download

File Size   516.62 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY

SN74F1016 Datasheet (HTML) - Texas Instruments


SN74F1016 Product details

Designed to Reduce Reflection Noise
Repetitive Peak Forward
Current . . . 300 mA
16-Bit Array Structure Suited for
Bus-Oriented Systems

description
This bus-termination array is designed to reduce
reflection noise and minimize ringing on
high-performance bus lines. The SN74F1016
features a 16-bit R-C network and Schottky barrier
diode array. These Schottky diodes provide
clamp-to-ground functionality and serve to
minimize overshoot and undershoot of
high-speed switching buses.
The SN74F1016 is characterized for operation
from 0°C to 70°C.




Similar Part No. - SN74F1016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016 TI-SN74F1016 Datasheet
84Kb / 5P
16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1016DW TI-SN74F1016DW Datasheet
84Kb / 5P
16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1016DW TI1-SN74F1016DW Datasheet
14Mb / 292P
16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1016DWE4 TI-SN74F1016DWE4 Datasheet
84Kb / 5P
16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1016DWG4 TI-SN74F1016DWG4 Datasheet
84Kb / 5P
16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
More results


Similar Description - SN74F1016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016 TI-SN74F1016 Datasheet
84Kb / 5P
16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1018 TI-SN74F1018 Datasheet
86Kb / 5P
18-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1016 TI1-SN74F1016_V01 Datasheet
14Mb / 292P
16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com